Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AN3308
Click and double click recognition
Doc ID 18198 Rev 1
33/52
8.3.2
TAP_SRC (39h)
XD
Enable interrupt double tap-tap on X axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
XS
Enable interrupt single tap-tap on X axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
Table 20.
Truth table
DZ / DY / DX
SZ / Y / X
Click output
000
01
Single
1
0
Double
1
1
Single or double
Table 19.
TAP_CFG description (continued)
Table 21.
TAP_SRC register
-
IA
Dtap
Stap
Sign
Z
Y
X
Table 22.
TAP_SRC description
--
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been
generated)
Dtap
Double tap-tap enable. Default value: 0
(0: double tap-tap detection disable, 1: double tap-tap detection enable)
Stap
Single tap-tap enable. Default value: 0
(0: single tap-tap detection disable, 1: single tap-tap detection enable)
Sign
Tap-tap sign. 0: positive detection, 1: negative detection
Z
Z tap-tap detection. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
Y
Y tap-tap detection. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
X
X tap-tap detection. Default value: 0
(0: no interrupt, 1: X high event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com