Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 43Page - STMicroelectronics AN3308 Datasheet HTML 44Page - STMicroelectronics AN3308 Datasheet HTML 45Page - STMicroelectronics AN3308 Datasheet HTML 46Page - STMicroelectronics AN3308 Datasheet HTML 47Page - STMicroelectronics AN3308 Datasheet HTML 48Page - STMicroelectronics AN3308 Datasheet HTML 49Page - STMicroelectronics AN3308 Datasheet HTML 50Page - STMicroelectronics AN3308 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
AN3308
First in first out (FIFO) buffer
Doc ID 18198 Rev 1
47/52
condition disappears, the FIFO buffer returns to stream mode because the IA bit becomes
zero. It is suggested to latch the interrupt signal used as the FIFO trigger in order to avoid
losing interrupt events. If the selected interrupt is latched, it is needed to read the register
INT1_SRC to clear the IA bit; after reading, the IA bit takes 2*ODR to go low.
In stream mode the FIFO buffer continues filling, when the buffer is full, the OVRN bit is set
high and the next samples overwrite the oldest. When trigger occurs, two different cases
can be observed:
1.
If the FIFO buffer is already full (OVRN = “1”), it stops collecting data at the first sample
after trigger. FIFO content is composed of #30 samples collected before the trigger
event, the sample that has generated the interrupt event and one sample after trigger.
2.
If FIFO isn’t yet full (initial transient), it continues filling until it is full (OVRN = “1”) and
then, if trigger is still present, it stops collecting data.
Figure 28.
Stream-to-FIFO mode: interrupt not latched
Figure 29.
Stream-to-FIFO mode: interrupt latched
Stream-to-FIFO can be used in order to analyze the samples history that generate an
interrupt; the standard operation is to read FIFO content when FIFO mode is triggered and
FIFO buffer is full and stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com