Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics AN3308 Datasheet HTML 39Page - STMicroelectronics AN3308 Datasheet HTML 40Page - STMicroelectronics AN3308 Datasheet HTML 41Page - STMicroelectronics AN3308 Datasheet HTML 42Page - STMicroelectronics AN3308 Datasheet HTML 43Page - STMicroelectronics AN3308 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
First in first out (FIFO) buffer
AN3308
40/52
Doc ID 18198 Rev 1
Table 33 represents the FIFO full status when 32 samples are stored in the buffer while
Table 34 represents the next step when the 33rd sample is inserted into FIFO and the 1st
sample is overwritten. The new oldest sample set is made available in the output registers.
When FIFO is enabled and mode is different from bypass, the LIS3DH output registers (28h
to 2Dh) always contain the oldest FIFO sample set.
9.2
FIFO registers
The FIFO buffer is managed by three different accelerometer registers, two of these allow to
enable and configure the FIFO behavior, the third provides information about the buffer
status.
9.2.1
Control register 5 (0x24)
The FIFO_EN bit in CTRL_REG5 must be set to 1 in order to enable the internal first in first
out buffer; while this bit is set, the accelerometer output registers (28h to 2Dh) don’t contain
the current acceleration value but they always contain the oldest value stored in FIFO.
Table 34.
FIFO Overrun Representation (33rd sample set stored and 1st sample
discarded)
Output
Registers
0x28h
0x29h
0x2Ah
0x2Bh
0x2Ch
0x2Dh
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO INDEx
Sample Set
FIFO(0)
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO(1)
Xl(2)
Xh(2)
Yl(2)
Yh(2)
Zl(2)
Zh(2)
FIFO(2)
Xl(3)
Xh(3)
Yl(3)
Yh(3)
Zl(3)
Zh(3)
FIFO(3)
Xl(4)
Xh(4)
Yl(4)
Yh(4)
Zl(4)
Zh(4)
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FIFO(30)
Xl(31)
Xh(31)
Yl(31)
Yh(31)
Zl(31)
Zh(31)
FIFO(31)
Xl(32)
Xh(32)
Yl(32)
Yh(32)
Zl(32)
Zh(32)
Table 35.
FIFO enable bit in CTRL_REG5
b7
b6
b5
b4
b3
b2
b1
b0
X
FIFO_EN
XX
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com