Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 44Page - STMicroelectronics AN3308 Datasheet HTML 45Page - STMicroelectronics AN3308 Datasheet HTML 46Page - STMicroelectronics AN3308 Datasheet HTML 47Page - STMicroelectronics AN3308 Datasheet HTML 48Page - STMicroelectronics AN3308 Datasheet HTML 49Page - STMicroelectronics AN3308 Datasheet HTML 50Page - STMicroelectronics AN3308 Datasheet HTML 51Page - STMicroelectronics AN3308 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AN3308
First in first out (FIFO) buffer
Doc ID 18198 Rev 1
49/52
Data can be retrieved from FIFO using every reading byte combination in order to increase
the application flexibility (ex: 196 single byte reading, 32 reading of 6 bytes, 1 multiple
reading of 196 bytes, etc.).
It is suggested to read all FIFO slots in a multiple byte reading of 196 bytes (6 output
registers by 32 slots) faster than 1*ODR. In order to minimize communication between
master and slave the reading address is automatically updated by the device; it rolls back to
0x28 when register 0x2D is reached.
In order to avoid losing data, the right ODR must be selected according to the serial
communication rate available. In the case of standard I2C mode being used (max rate 100
kHz), a single sample set reading takes 830 µs while total FIFO download is about 17.57ms.
I2C speed is lower than SPI and it needs about 29 clock pulses to start communication
(Start, Slave Address, Device Address+Write, Restart, Device Address+Read) plus an
additional 9 clock pulses for every byte to read. If this suggestion were followed, the
complete FIFO reading would be performed faster than 1*ODR, this means that using a
standard I2C, the selectable ODR must be lower than 57 Hz. If a fast I2C mode is used (max
rate 400 kHz), the selectable ODR must be lower than 228 Hz.
Figure 31.
FIFO reading diagram - FTH[4:0] = 10
In Figure 31 “Rx” indicates a 6-byte reading operation and “F0*” represents a single ODR
slot stretched for diagram convenience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com