Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics AN3308 Datasheet HTML 39Page - STMicroelectronics AN3308 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Click and double click recognition
AN3308
36/52
Doc ID 18198 Rev 1
8.4.1
Playing with TAP_TimeLimit
Figure 17 shows an acquisition carried out with TAP_TimeLimit = 01h (2.5 ms). With this
setting, the single click recognition window is short and often the acceleration does not
return below the threshold in time.
In Figure 18 an acquisition done with TAP_TimeLimit = 33h (127 ms) is shown. With this
setting the single click recognition window is longer, and it is easier for the event to be
recognized.
Figure 17.
Short TimeLimit
Figure 18.
Long TimeLimit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com