Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics AN3308 Datasheet HTML 39Page - STMicroelectronics AN3308 Datasheet HTML 40Page - STMicroelectronics AN3308 Datasheet HTML 41Page - STMicroelectronics AN3308 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Click and double click recognition
AN3308
38/52
Doc ID 18198 Rev 1
8.4.3
Playing with TAP_Window
In cases of double click recognition, the TAP_Latency + TAP_Window defines the maximum
distance between two consecutive clicks to be recognized as a double click event. By fixing
the latency to avoid spurious bouncing of the signal, it is possible to play with the
TAP_Window as with the “double click speed” settings of the mouse properties on the PC.
Figure 21 shows an acquisition done with TAP_Window = 42h (1065 ms). With this setting
the two consecutive peaks of acceleration are too far apart and the second one occurs
outside of the window.
In Figure 22 an acquisition carried out with TAP_Window = FFh (637 ms) is shown. With this
setting the device correctly generates the double click interrupt after the second acceleration
peak.
Figure 21.
Short window
Figure 22.
Long window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com