Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 16Page - STMicroelectronics AN3308 Datasheet HTML 17Page - STMicroelectronics AN3308 Datasheet HTML 18Page - STMicroelectronics AN3308 Datasheet HTML 19Page - STMicroelectronics AN3308 Datasheet HTML 20Page - STMicroelectronics AN3308 Datasheet HTML 21Page - STMicroelectronics AN3308 Datasheet HTML 22Page - STMicroelectronics AN3308 Datasheet HTML 23Page - STMicroelectronics AN3308 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Inertial interrupt
AN3308
20/52
Doc ID 18198 Rev 1
6
Inertial interrupt
The LIS3DH can provide two inertial interrupt signals and offers several possibilities to
personalize those signals. The registers involved in the interrupt generation behavior are
INT1_CFG, INT1_THS and INT1_DURATION.
Whenever an interrupt condition is verified the interrupt signal is generated and by reading
the INT1_SRC register it is possible to understand which condition happened.
6.1
Duration
The content of the duration registers sets the minimum duration of the interrupt event to be
recognized. Duration steps and maximum values depend on the ODR chosen.
Duration time is measured in N/ODR, where N is the content of the duration register and
ODR is 50, 100, 400, 1000 Hz.
Table 14.
Interrupt mode configuration
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6 direction movement recognition
1
0
AND combination of interrupt events
1
1
6 direction position recognition
Table 15.
Duration LSB value in normal mode
ODR (Hz)
Duration LSB value (ms)
1
1000
10
100
25
40
50
20
100
10
200
5
400
2.5
1000
1
1344
0.744
1620
0.617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com