Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Click and double click recognition
AN3308
34/52
Doc ID 18198 Rev 1
8.3.3
TAP_THS (3Ah)
1 LSB = full scale/128.
THS6 through THS0 define the threshold which is used by the system to start the click
detection procedure. The threshold value is expressed over 6 bits as an unsigned number.
8.3.4
TIME_LIMIT (3Bh)
1 LSB = 1/ODR.
TLI7 through TLI0 define the maximum time interval that can elapse between the start of the
click detection procedure (the acceleration on the selected channel exceeds the
programmed threshold) and when the acceleration goes back below the threshold.
8.3.5
TIME_LATENCY (3Ch)
1 LSB = 1/ODR.
TLA7 through TLA0 define the time interval that starts after the first click detection where the
click detection procedure is disabled, in cases where the device is configured for double
click detection.
Table 23.
TAP_THS register
-
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 24.
TAP_SRC description
THS6-THS0
Tap-Tap threshold. Default value: 000 0000
Table 25.
TIME_LIMIT register
-
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 26.
TIME_LIMIT register
TLI7-TLI0
Tap-Tap Time Limit. Default value: 000 0000
Table 27.
TIME_LATENCY register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 28.
TIME_LATENCY description
TLA7-TLA0
Tap-Tap Time Latency. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com