Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPMACH4ACPLDFAMILY Datasheet HTML 1Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 2Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 3Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 4Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 5Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 6Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
ispMACH 4A Family
The ispMACH 4A family offers 20 density-I/O combinations in Thin Quad Flat Pack (TQFP),
Plastic Quad Flat Pack (PQFP), Plastic Leaded Chip Carrier (PLCC), Ball Grid Array (BGA), fine-
pitch BGA (fpBGA), and chip-array BGA (caBGA) packages ranging from 44 to 388 pins (Table
3). It also offers I/O safety features for mixed-voltage designs so that the 3.3-V devices can accept
5-V inputs, and 5-V devices do not overdrive 3.3-V inputs. Additional features include Bus-
Friendly inputs and I/Os, a programmable power-down mode for extra power savings and
individual output slew rate control for the highest speed transition or for the lowest noise
transition.
Note:
1. Advance information. Please contact a Lattice sales representative for details on availability.
2. Preliminary information.
Table 3. ispMACH 4A Package and I/O Options (Number of I/Os and dedicated inputs in Table)
3.3 V Devices
Package
M4A3-322
M4A3-64
M4A3-962
M4A3-128
M4A3-192
M4A3-256
M4A3-3841
M4A3-5121
44-pin PLCC
32+2
32+22
44-pin TQFP
32+2
32+22
48-pin TQFP
32+2
32+22
100-pin TQFP
64+61
48+8
64+62
100-pin PQFP
64+62
100-ball caBGA
64+61
144-pin TQFP
96+162
144-ball fpBGA
96+161
208-pin PQFP
128+142, 1601
160
160
256-ball fpBGA
128+142, 1921
192
192
256-ball BGA
128+142
192
388-ball fpBGA
256
5 V Devices
Package
M4A5-322
M4A5-642
M4A5-962
M4A5-1282
M4A5-1921
M4A5-2562
44-pin PLCC
32+2
32+2
44-pin TQFP
32+2
32+2
48-pin TQFP
32+2
32+2
100-pin TQFP
48+8
64+6
100-pin PQFP
64+6
144-pin TQFP
96+16
208-pin PQFP
128+14
256-ball BGA
128+14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com