Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 10Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 11Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 12Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 13Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 14Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 15Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 16Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
ispMACH 4A Family
13
A reset/preset swapping feature in each macrocell allows for reset and preset to be exchanged,
providing flexibility. In asynchronous mode (Figure 8), a single individual product term is
provided for initialization. It can be selected to control reset or preset.
Note that the reset/preset swapping selection feature effects power-up reset as well. The
initialization functionality of the flip-flops is illustrated in Table 9. The macrocell sends its data
to the output switch matrix and the input switch matrix. The output switch matrix can route this
data to an output if so desired. The input switch matrix can send the signal back to the central
switch matrix as feedback.
Note:
1. Transparent latch is unaffected by AR, AP
Table 9. Asynchronous Reset/Preset Operation
AR
AP
CLK/LE1
Q+
0
0
X
See Table 8
01X1
10X0
11X0
Power-Up
Reset
AP
D/L/T
AR
Q
Individual
Reset
Product Term
a. Reset
Power-Up
Preset
AP
D/L/T
AR
Q
Individual
Preset
Product Term
b. Preset
17466G-014
17466G-015
Figure 8. Asynchronous Mode Initialization Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com