Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPMACH4ACPLDFAMILY Datasheet HTML 1Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 2Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 3Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 4Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 5Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 6Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
ispMACH 4A Family
3
GENERAL DESCRIPTION
The ispMACH™ 4A family from Lattice offers an exceptionally flexible architecture and delivers
a superior Complex Programmable Logic Device (CPLD) solution of easy-to-use silicon products
and software tools. The overall benefits for users are a guaranteed and predictable CPLD
solution, faster time-to-market, greater flexibility and lower cost. The ispMACH 4A devices offer
densities ranging from 32 to 512 macrocells with 100% utilization and 100% pin-out retention.
The ispMACH 4A families offer 5-V (M4A5-xxx) and 3.3-V (M4A3-xxx) operation.
ispMACH 4A products are 5-V or 3.3-V in-system programmable through the JTAG (IEEE Std.
1149.1) interface. JTAG boundary scan testing also allows product testability on automated test
equipment for device connectivity.
All ispMACH 4A family members deliver First-Time-Fit and easy system integration with pin-out
retention after any design change and refit. For both 3.3-V and 5-V operation, ispMACH 4A
products can deliver guaranteed fixed timing as fast as 5.0 ns tPD and 182 MHz fCNT through the
SpeedLocking feature when using up to 20 product terms per output (Table 2).
Notes:
1. C = Commercial,
I = Industrial
2. Advance information. Please contact a Lattice sales representative for details on availability.
3. Preliminary information.
Table 2. ispMACH 4A Speed Grades
Device
Speed Grade
-5
-55
-6
-65
-7
-10
-12
-14
M4A3-323
M4A5-323
C
C, I
C, I
I
M4A3-64/323
M4A5-64/323
C
C, I
C, I
I
M4A3-64/642
C
C, I
C, I
I
M4A3-963
M4A5-963
C
C, I
C, I
I
M4A3-1283
M4A5-1283
C
C, I
C, I
I
M4A3-1923
M4A5-1922
C
C, I
C, I
I
M4A3-256/1283
C
C
C, I
C, I
I
M4A5-256/1283
C
C
C, I
I
M4A3-256/1922
M4A3-256/1602
C
C, I
I
M4A3-3842
C
C, I
C, I
I
M4A3-5122
C
C, I
C, I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com