Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 10Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 11Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 12Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 13Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 14Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
ispMACH 4A Family
11
The flip-flop can be configured as a D-type or T-type latch. J-K or S-R registers can be
synthesized. The primary flip-flop configurations are shown in Figure 6, although others are
possible. Flip-flop functionality is defined in Table 8. Note that a J-K latch is inadvisable as it will
cause oscillation if both J and K inputs are HIGH.
DQ
AP AR
DQ
AP AR
LQ
AP AR
LQ
AP AR
G
G
TQ
AP AR
17466G-011
Figure 6. Primary Macrocell Configurations
g. Combinatorial with programmable polarity
a. D-type with XOR
b. D-type with programmable D polarity
c. Latch with XOR
d. Latch with programmable D polarity
e. T-type with programmable T polarity
f. Combinatorial with XOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com