Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPMACH4ACPLDFAMILY Datasheet HTML 1Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 2Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 3Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 4Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 5Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 6Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
ispMACH 4A Family
5
FUNCTIONAL DESCRIPTION
The fundamental architecture of ispMACH 4A devices (Figure 1) consists of multiple, optimized
PAL® blocks interconnected by a central switch matrix. The central switch matrix allows
communication between PAL blocks and routes inputs to the PAL blocks. Together, the PAL
blocks and central switch matrix allow the logic designer to create large designs in a single
device instead of having to use multiple devices.
The key to being able to make effective use of these devices lies in the interconnect schemes.
In the ispMACH 4A architecture, the macrocells are flexibly coupled to the product terms
through the logic allocator, and the I/O pins are flexibly coupled to the macrocells due to the
output switch matrix. In addition, more input routing options are provided by the input switch
matrix. These resources provide the flexibility needed to fit designs efficiently.
Notes:
1. 16 for ispMACH 4A devices with 1:1 macrocell-I/O cell ratio (see next page).
2. Block clocks do not go to I/O cells in M4A(3,5)-32/32.
3. M4A(3,5)-192, M4A(3,5)-256, M4A3-384, and M4A3-512 have dedicated clock pins which cannot be used as inputs and do
not connect to the central switch matrix.
I/O
Pins
Clock/Input
Pins
I/O
Pins
I/O
Pins
Dedicated
Input Pins
PAL Block
PAL Block
Logic
Allocator
with XOR
Output/
Buried
Macrocells
33/
34/
36
16
16
Clock
Generator
Logic
Array
Input
Switch
Matrix
16
16
8
Note 1
Note 2
Note 3
4
PAL Block
17466G-001
Figure 1. ispMACH 4A Block Diagram and PAL Block Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com