Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 45Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 46Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 47Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 48Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 49Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 50Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 51Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 52Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
ispMACH 4A Family
49
144-PIN TQFP CONNECTION DIAGRAM (M4A(3,5)-192/96)
Top View
144-Pin TQFP
PIN DESIGNATIONS
CLK
= Clock
GND = Ground
I
= Input
I/O
= Input/Output
VCC
= Supply Voltage
TDI
= Test Data In
TCK
= Test Clock
TMS
= Test Mode Select
TDO
= Test Data Out
17466G-033
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
GND
TDI
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I2
I3
VCC
GND
I4
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
GND
VCC
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
TMS
TCK
GND
D7
D6
D5
D4
D3
D2
D1
D0
C7
C6
C5
C4
C3
C2
C1
C0
E7
E6
E5
E4
E3
E2
E1
E0
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
GND
TDO
NC
I/O71
I/O70
I/O69
I/O68
I/O67
I/O66
I/O65
I/O64
I12
VCC
GND
I11
I10
I/O63
I/O62
I/O61
I/O60
I/O59
I/O58
I/O57
I/O56
GND
VCC
I/O55
I/O54
I/O53
I/O52
I/O51
I/O50
I/O49
I/O48
NC
GND
K0
K1
K2
K3
K4
K5
K6
K7
J0
J1
J2
J3
J4
J5
J6
J7
I0
I1
I2
I3
I4
I5
I6
I7
I/O Cell
PAL Block
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com