Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 54Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 55Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 56Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 57Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 58Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 59Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 60Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 61Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 62Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
60
ispMACH 4A Family
ispMACH 4A PRODUCT ORDERING INFORMATION
ispMACH 4A Devices Commercial and Industrial - 3.3V and 5V
Lattice programmable logic products are available with several ordering options.The order number (Valid Combination)
is formed by a combination of:
1. Contact Factory for 6.5ns availability
128
FAMILY TYPE
M4A3- = ispMACH 4A Family Low Voltage Advanced
Feature (3.3-V VCC)
M4A5- = ispMACH 4A Family Advanced Feature (5-V VCC)
M4A3-
256
Y
C
MACROCELL DENSITY
32=32 Macrocells192
=
192 Macrocells
64=64 Macrocells256
=
256 Macrocells
96=96 Macrocells384
=
384 Macrocells
128=128 Macrocells512
=
512 Macrocells
I/Os
/32
= 32 I/Os in 44-pin PLCC, 44-pin TQFP or 48-pin TQFP
/48
= 48 I/Os in 100-pin TQFP
/64
= 64 I/Os in 100-pin TQFP, 100-pin PQFP, or 100-ball caBGA
/96
= 96 I/Os in 144-pin TQFP or 144-ball fpBGA
/128
= 128 I/Os in 208-pin PQFP, 256-ball BGA or 256-ball fpBGA
/160
= 160 I/Os in 208-pin PQFP
/192
= 192 I/Os in 256-ball BGA or 256-ball fpBGA
/256
= 256 I/Os in 388-ball fpBGA
OPERATING CONDITIONS
C
= Commercial (0
°C to +70°C)
I
= Industrial (-40
°C to +85°C)
PACKAGE TYPE
A
= Ball Grid Array (BGA)
J
= Plastic Leaded Chip Carrier
(PLCC)
V
= Thin Quad Flat Pack (TQFP)
Y
= Plastic Quad Flat Pack (PQFP)
FA
= Fine-pitch Ball Grid Array
(fpBGA)
CA
= Chip-array Ball Grid Array
(caBGA)
SPEED
-5
=5.0 ns tPD
-55
=5.5 ns tPD
-6
=6.0 ns tPD
-65
=6.5 ns tPD
-7
=7.5 ns tPD
-10
=10 ns tPD
-12
=12 ns tPD
-14
=14 ns tPD
-7
48
= 48-pin TQFP for
M4A3-32/32 or M4A3-64/32
M4A5-32/32 or M4A5-64/32
/
3.3V Commercial Combinations
M4A3-32/32
-5, -7, -10
JC, VC, VC48
M4A3-64/32
-55, -7, -10
JC, VC, VC48
M4A3-64/64
VC
M4A3-96/48
VC
M4A3-128/64
YC, VC, CAC
M4A3-192/96
-6, -7, -10
VC, FAC
M4A3-256/128
-55, -65, -7, -10
YC, AC, FAC
M4A3-256/1601
-7, -10
YC
M4A3-256/1921
FAC
M4A3-384/160
-65, -10, -12
YC
M4A3-384/192
AC, FAC
M4A3-512/160
-7, -10, -12
YC
M4A3-512/192
FAC
M4A3-512/256
FAC
3.3V Industrial Combinations
M4A3-32/32
-7, -10, -12
JI, VI, VI48
M4A3-64/32
JI, VI, VI48
M4A3-64/64
VI
M4A3-96/48
VI
M4A3-128/64
YI, VI, CAI
M4A3-192/96
-7, -10, -12
VI, FAI
M4A3-256/128
YI, AI, FAI
M4A3-256/160
-10, -12
YI
M4A3-256/192
FAI
M4A3-384/160
-10, -12, -14
YI
M4A3-384/192
AI, FAI
M4A3-512/160
YI
M4A3-512/192
FAI
M4A3-512/256
FAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com