Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 41 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 41 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 37Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 38Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 39Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 40Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 41Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 42Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 43Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 44Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 45Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
ispMACH 4A Family
41
ICC vs. FREQUENCY
These curves represent the typical power consumption for a particular device at system frequen-
cy.The selected “typical” pattern is a 16-bit up-down counter.This pattern fills the device and ex-
ercises every macrocell. Maximum frequency shown uses internal feedback and a D-type register.
Power/Speed are optimized to obtain the highest counter frequency and the lowest power.The
highest frequency (LSBs) is placed in common PAL blocks, which are set to high power.The low-
est frequency signals (MSBs) are placed in a common PAL block and set to lowest power.
350
300
250
200
150
100
50
0
VCC = 5 V or 3.3 V, TA = 25º C
Frequency (MHz)
M4A-32/32
M4A-64/32
M4A-128/64
M4A-256/128
Figure 19. ispMACH 4A ICC Curves at High Speed Mode
M4A-256/160
M4A-64/64
M4A-96/48
400
M4A-512/160
M4A-192/96
M4A-384/160
250
200
150
100
50
0
VCC = 5 V or 3.3 V, TA = 25º C
M4A-32/32
Frequency (MHz)
M4A-64/32
M4A-128/64
M4A-256/128
Figure 20. ispMACH 4A ICC Curves at Low Power Mode
M4A-256/160
M4A-64/64
M4A-96/48
M4A-512/160
M4A-192/96
M4A-384/160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com