Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 38 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 34Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 35Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 36Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 37Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 38Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 39Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 40Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 41Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
38
ispMACH 4A Family
ispMACH 4A TIMING PARAMETERS OVER OPERATING RANGES1
-5
-55
-6
-65
-7
-10
-12
-14
Unit
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
Combinatorial Delay:
tPDi
Internal combinatorial propagation
delay
3.5
4.0
4.3
4.5
5.0
7.0
9.0
11.0
ns
tPD
Combinatorial propagation delay
5.0
5.5
6.0
6.5
7.5
10.0
12.0
14.0
ns
Registered Delays:
tSS
Synchronous clock setup time, D-type
register
3.0
3.5
3.5
3.5
5.0
5.5
7.0
10.0
ns
tSST
Synchronous clock setup time, T-type
register
4.0
4.0
4.0
4.0
6.0
6.5
8.0
11.0
ns
tSA
Asynchronous clock setup time, D-type
register
2.5
2.5
2.5
3.0
3.5
4.0
5.0
8.0
ns
tSAT
Asynchronous clock setup time, T-type
register
3.0
3.0
3.0
3.5
4.5
5.0
6.0
9.0
ns
tHS
Synchronous clock hold time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
tHA
Asynchronous clock hold time
2.5
2.5
2.5
3.0
3.5
4.0
5.0
8.0
ns
tCOSi Synchronous clock to internal output
2.5
2.5
2.8
3.0
3.0
3.0
3.5
3.5
ns
tCOS
Synchronous clock to output
4.0
4.0
4.5
5.0
5.5
6.0
6.5
6.5
ns
tCOAi Asynchronous clock to internal output
5.0
5.0
5.0
5.0
6.0
8.0
10.0
12.0
ns
tCOA
Asynchronous clock to output
6.5
6.5
6.8
7.0
8.5
11.0
13.0
15.0
ns
Latched Delays:
tSSL
Synchronous latch setup time
4.0
4.0
4.0
4.5
6.0
7.0
8.0
10.0
ns
tSAL
Asynchronous latch setup time
3.0
3.0
3.5
3.5
4.0
4.0
5.0
8.0
ns
tHSL
Synchronous latch hold time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
tHAL
Asynchronous latch hold time
3.0
3.0
3.5
3.5
4.0
4.0
5.0
8.0
ns
tPDLi Transparent latch to internal output
5.5
5.5
5.8
6.0
7.5
9.0
11.0
12.0
ns
tPDL
Propagation delay through transparent
latch to output
7.0
7.0
7.5
8.0
10.0
12.0
14.0
15.0
ns
tGOSi Synchronous gate to internal output
3.0
3.0
3.0
3.0
3.5
4.5
7.0
8.0
ns
tGOS
Synchronous gate to output
4.5
4.5
4.8
5.0
6.0
7.5
10.0
11.0
ns
tGOAi Asynchronous gate to internal output
6.0
6.0
6.0
6.0
8.5
10.0
13.0
15.0
ns
tGOA Asynchronous gate to output
7.5
7.5
7.8
8.0
11.0
13.0
16.0
18.0
ns
Input Register Delays:
tSIRS Input register setup time
1.5
1.5
2.0
2.0
2.0
2.0
2.0
2.0
ns
tHIRS Input register hold time
2.5
2.5
3.0
3.0
3.0
3.0
3.0
4.0
ns
tICOSi Input register clock to internal feedback
3.0
3.0
3.0
3.0
3.5
4.5
6.0
6.0
ns
Input Latch Delays:
tSIL
Input latch setup time
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
ns
tHIL
Input latch hold time
2.5
2.5
2.5
3.0
3.0
3.0
3.0
4.0
ns
tIGOSi Input latch gate to internal feedback
3.5
3.5
3.8
4.0
4.0
4.0
4.0
5.0
ns
tPDILi
Transparent input latch to internal
feedback
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com