Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 13Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 14Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 15Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 16Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 17Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 18Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 19Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 20Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
ispMACH 4A Family
17
I/O Cell
The I/O cell (Figures 10 and 11) simply consists of a programmable output enable, a feedback
path, and flip-flop (except ispMACH 4A devices with 1:1 macrocell-I/O cell ratio). An individual
output enable product term is provided for each I/O cell. The feedback signal drives the input
switch matrix.
The I/O cell (Figure 10) contains a flip-flop, which provides the capability for storing the input
in a D-type register or latch. The clock can be any of the PAL block clocks. Both the direct and
registered versions of the input are sent to the input switch matrix. This allows for such functions
as “time-domain-multiplexed” data comparison, where the first data value is stored, and then the
second data value is put on the I/O pin and compared with the previous stored value.
Note that the flip-flop used in the ispMACH 4A I/O cell is independent of the flip-flops in the
macrocells. It powers up to a logic low.
Zero-Hold-Time Input Register
The ispMACH 4A devices have a zero-hold-time (ZHT) fuse which controls the time delay
associated with loading data into all I/O cell registers and latches. When programmed, the ZHT
fuse increases the data path setup delays to input storage elements, matching equivalent delays
in the clock path. When the fuse is erased, the setup time to the input storage element is
minimized. This feature facilitates doing worst-case designs for which data is loaded from
sources which have low (or zero) minimum output propagation delays from clock edges.
D/L
Q
Block CLK3
Block CLK2
Block CLK1
Block CLK0
To
Input
Switch
Matrix
Individual
Output Enable
Product Term
From Output
Switch Matrix
17466G-017
17466G-018
Figure 10. I/O Cell for ispMACH 4A Devices with 2:1
Macrocell-I/O Cell Ratio
Figure 11. I/O Cell for ispMACH 4A Devices with 1:1
Macrocell-I/O Cell Ratio
To
Input
Switch
Matrix
Individual
Output Enable
Product Term
From Output
Switch Matrix
Power-up reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com