Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 20Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 21Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 22Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 23Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 24Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 25Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 26Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 27Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
24
ispMACH 4A Family
Figure 17. PAL Block for ispMACH 4A Devices with 1:1 Macrocell-I/O Cell Ratio (except M4A (3,5)-32/32)
MACROCELL
M0
C0
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
M15
B
97
M0
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
O0
O2
O4
O6
O8
O10
O12
O14
M15
I/O
CELL
I/O0
CLOCK
GENERATOR
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
MACROCELL
O1
I/O
CELL
I/O1
32
A
0
4
16
16
C1
C2
I/O
CELL
I/O2
O3
I/O
CELL
I/O3
O5
I/O
CELL
I/O5
O7
I/O
CELL
I/O7
C3
C4
I/O
CELL
I/O4
C5
C6
I/O
CELL
I/O6
C7
C8
I/O
CELL
I/O8
O9
I/O
CELL
I/O9
O11
I/O
CELL
I/O11
C9
C10
I/O
CELL
I/O10
C11
C12
I/O
CELL
I/O12
O13
I/O
CELL
I/O13
O15
I/O
CELL
I/O15
C13
C14
I/O
CELL
INPUT
SWITCH
MATRIX
I/O14
C15
M4A3-64/64
A
B
16
17
18
18
M4A3-256/160
M4A3-256/192
17466H-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com