Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 10Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 11Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 12Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 13Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 14Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 15Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 16Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 17Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
14
ispMACH 4A Family
Output Switch Matrix
The output switch matrix allows macrocells to be connected to any of several I/O cells within a
PAL block. This provides high flexibility in determining pinout and allows design changes to
occur without effecting pinout.
In ispMACH 4A devices with 2:1 Macrocell-I/O cell ratio, each PAL block has twice as many
macrocells as I/O cells. The ispMACH 4A output switch matrix allows for half of the macrocells
to drive I/O cells within a PAL block, in combinations according to Figure 9. Each I/O cell can
choose from eight macrocells; each macrocell has a choice of four I/O cells. The ispMACH 4A
devices with 1:1 Macrocell-I/O cell ratio allow each macrocell to drive one of eight I/O cells
(Figure 9).
Table 10. Output Switch Matrix Combinations for ispMACH 4A Devices with 2:1 Macrocell-I/O Cell Ratio
Macrocell
Routable to I/O Cells
M0, M1
I/O0, I/O5, I/O6, I/O7
M2, M3
I/O0, I/O1, I/O6, I/O7
M4, M5
I/O0, I/O1, I/O2, I/O7
M6, M7
I/O0, I/O1, I/O2, I/O3
M8, M9
I/O1, I/O2, I/O3, I/O4
M0
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
M15
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
Each macrocell can drive
one of 4 I/O cells in
ispMACH 4A devices with
2:1 macrocell-I/O cell ratio.
Each I/O cell can
choose one of 8
macrocells in
all ispMACH 4A
devices.
M0
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
M15
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
Each macrocell can drive
one of 8 I/O cells in
ispMACH 4A devices with 1:1
macrocell-I/O cell ratio except
M4A(3, 5)-32/32 devices.
M0
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
M15
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
Each macrocell can drive
one of 8 I/O cells in
M4A(3, 5)-32/32 devices.
Figure 9. ispMACH 4A Output Switch Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com