Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 10Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 11Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 12Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 13Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 14Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 15Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
12
ispMACH 4A Family
Note:
1. Polarity of CLK/LE can be programmed
Although the macrocell shows only one input to the register, the XOR gate in the logic allocator
allows the D-, T-type register to emulate J-K, and S-R behavior. In this case, the available product
terms are divided between J and K (or S and R). When configured as J-K, S-R, or T-type, the
extra product term must be used on the XOR gate input for flip-flop emulation. In any register
type, the polarity of the inputs can be programmed.
The clock input to the flip-flop can select any of the four PAL block clocks in synchronous mode,
with the additional choice of either polarity of an individual product term clock in the
asynchronous mode.
The initialization circuit depends on the mode. In synchronous mode (Figure 7), asynchronous
reset and preset are provided, each driven by a product term common to the entire PAL block.
Table 8. Register/Latch Operation
Configuration
Input(s)
CLK/LE 1
Q+
D-type Register
D=X
D=0
D=1
0,1,
↓ (↑)
↑ (↓)
↑ (↓)
Q
0
1
T-type Register
T=X
T=0
T=1
0, 1,
↓ (↑)
↑ (↓)
↑ (↓)
Q
Q
Q
D-type Latch
D=X
D=0
D=1
1(0)
0(1)
0(1)
Q
0
1
Power-Up
Reset
AP
D/T/L
AR
Q
PAL-Block
Initialization
Product Terms
a. Power-up reset
Power-Up
Preset
AP
D/L
PAL-Block
Initialization
Product Terms
AR
Q
17466G-012
17466G-013
Figure 7. Synchronous Mode Initialization Configurations
b. Power-up preset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com