Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 32Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 33Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 34Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 35Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 36Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 37Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 38Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 39Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
36
ispMACH 4A Family
ABSOLUTE MAXIMUM RATINGS
M4A5
Storage Temperature . . . . . . . . . . . . . . . -65
°C to +150°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . . . .-55
°C to +100°C
Device Junction Temperature . . . . . . . . . . . . . . . +130
°C
Supply Voltage
with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V
DC Input Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . . . . 2000 V
Latchup Current (TA = -40°C to +85°C) . . . . . . . 200 mA
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality
at or above these limits is not implied. Exposure to Absolute
Maximum Ratings for extended periods may affect device
reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . . . . 0
°C to +70°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . +4.75 V to +5.25 V
Industrial (I) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . . . -40
°C to +85°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . . +4.50 V to +5.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
Notes:
1. Total IOL for one PAL block should not exceed 64 mA.
2. These are absolute values with respect to device ground, and all overshoots due to system or tester noise are included.
3. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
4. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
5-V DC CHARACTERISTICS OVER OPERATING RANGES
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = –3.2 mA, VCC = Min, VIN = VIH or VIL
2.4
V
IOH = –2.5 mA, VCC = Max, VIN = VIH or VIL
3.6
V
VOL
Output LOW Voltage
IOL = 24 mA, VCC = Min, VIN = VIH or VIL (Note 1)
0.5
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH Voltage for all Inputs
(Note 2)
2.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW Voltage for all Inputs
(Note 2)
0.8
V
IIH
Input HIGH Leakage Current
VIN = 5.25 V, VCC = Max (Note 3)
10
µA
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max (Note 3)
–10
µA
IOZH
Off-State Output Leakage Current HIGH
VOUT = 5.25 V, VCC = Max, VIN = VIH or VIL (Note 3)
10
µA
IOZL
Off-State Output Leakage Current LOW
VOUT = 0 V, VCC = Max , VIN = VIH or VIL (Note 3)
–10
µA
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = Max (Note 4)
–30
–160
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com