Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 16Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 17Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 18Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 19Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 20Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 21Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 22Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 23Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
20
ispMACH 4A Family
ispMACH 4A TIMING MODEL
The primary focus of the ispMACH 4A timing model is to accurately represent the timing in a
ispMACH 4A device, and at the same time, be easy to understand. This model accurately
describes all combinatorial and registered paths through the device, making a distinction
between internal feedback and external feedback. A signal uses internal feedback when it is fed
back into the switch matrix or block without having to go through the output buffer. The input
register specifications are also reported as internal feedback. When a signal is fed back into the
switch matrix after having gone through the output buffer, it is using external feedback.
The parameter, tBUF, is defined as the time it takes to go from feedback through the output buffer
to the I/O pad. If a signal goes to the internal feedback rather than to the I/O pad, the parameter
designator is followed by an “i”. By adding tBUF to this internal parameter, the external parameter
is derived. For example, tPD = tPDi + tBUF. A diagram representing the modularized ispMACH 4A
timing model is shown in Figure 15. Refer to the application note entitled MACH 4 Timing and
High Speed Design for a more detailed discussion about the timing parameters.
SPEEDLOCKING FOR GUARANTEED FIXED TIMING
The ispMACH 4A architecture allows allocation of up to 20 product terms to an individual
macrocell with the assistance of an XOR gate without incurring additional timing delays.
The design of the switch matrix and PAL blocks guarantee a fixed pin-to-pin delay that is
independent of the logic required by the design. Other competitive CPLDs incur serious timing
delays as product terms expand beyond their typical 4 or 5 product term limits. Speed and
SpeedLocking combine to give designs easy access to the performance required in today’s
designs.
(External Feedback)
(Internal Feedback)
INPUT REG/
INPUT LATCH
tSIRS
tHIRS
tSIL
tHIL
tSIRZ
tHIRZ
tSILZ
tHILZ
tPDILi
tICOSi
tIGOSi
tPDILZi
Q
tSS(T)
tSA(T)
tH(S/A)
tS(S/A)L
tH(S/A)L
tSRR
tPDi
tPDLi
tCO(S/A)i
tGO(S/A)i
tSRi
COMB/DFF/TFF/
LATCH/SR*/JK*
S/R
IN
BLK CLK
OUT
tPL
tBUF
tEA
tER
tSLW
Q
Central
Switch
Matrix
*emulated
17466G-025
Figure 15. ispMACH 4A Timing Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com