Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 46 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 46 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 42Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 43Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 44Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 45Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 46Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 47Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 48Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 49Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
46
ispMACH 4A Family
100-PIN PQFP CONNECTION DIAGRAM (M4A(3,5)-128/64)
Top View
100-Pin PQFP
PIN DESIGNATIONS
I/CLK = Input or Clock
GND = Ground
I
= Input
I/O
= Input/Output
VCC
= Supply Voltage
TDI
= Test Data In
TCK
= Test Clock
TMS
= Test Mode Select
TDO
= Test Data Out
TRST = Test Reset
ENABLE = Program
GND
GND
TDI
I5
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
IO/CLK0
GND
GND
I1/CLK1
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
B7
B6
B5
B4
B3
B2
B1
B0
C0
C1
C2
C3
C4
C5
C6
C7
TMS
TCK
GND
GND
28
29
30
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
1
2
3
I/O46
I/O45
I/O44
I/O43
I/O42
I/O41
I/O40
I2
ENABLE
GND
GND
GND
TD0
TRST
I/O55
I/O54
I/O53
I/O52
I/O51
I/O50
I/O49
I/O48
G7
G6
G5
G4
G3
G2
G1
G0
I4/CLK3
GND
GND
I3/CLK2
I/O47
F1
F2
F3
F4
F5
F6
F7
F0
GND
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
80
79
78
(83)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(23)
(24)
(25)
(26)
(27)
(28)
(29)
(30)
(31)
(62)
(61)
(60)
(59)
(58)
(57)
(56)
(55)
(54)
(41)
(73)
(72)
(71)
(70)
(69)
(68)
(67)
(66)
(65)
VCC
VCC
VCC
VCC
I/O Cell
PAL Block
C7
17466G-031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com