Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 56 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 56 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 52Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 53Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 54Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 55Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 56Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 57Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 58Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 59Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 60Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
56
ispMACH 4A Family
256-BALL fpBGA CONNECTION DIAGRAM (M4A3-256/128)
Bottom View
256-Ball fpBGA
16
15
14
13
12
11
10
987654321
A
TRST
I/O117
O5
I/O116
O4
I/O113
O1
I/O126
P6
I/O124
P4
I12
NC
NC
NC
CLK0
I/O1
A1
I/O5
A5
I/O7
A7
I/O10
B2
I/O12
B4
A
B
I/O110
N6
I/O111
N7
I/O118
O6
I/O115
O3
I/O127
P7
I/O125
P5
I/O120
P0
NC
NC
NC
I1
I/O2
A2
I/O8
B0
I/O11
B3
I/O13
B5
NC
B
C
I/O108
N4
I/O109
N5
NC
I/O119
O7
I/O114
O2
I/O122
P2
I/O123
P3
NC
NC
I0
I/O4
A4
I/O6
A6
I/O5
B7
I/O14
B6
TDI
I/O23
C7
C
D
NC
I/O104
N0
TDO
GND
GND
VCC
GND
VCC
GND
GND
VCC
GND
VCC
I/O9
B1
I/O22
C6
I/O21
C5
D
E
I/O102
M6
NC
I/O107
N3
VCC
I/O105
N1
I/O106
N2
I13
CLK3
NC
NC
I/O0
A0
NC
GND
I/O20
C4
I/O19
C3
I/O31
D7
E
F
I/O98
M2
I/O103
M7
I/O101
M5
GND
I/O100
M4
I/O99
M3
I/O112
O0
I/O121
P1
NC
NC
I/O3
A3
I/O18
C2
VCC
I/O16
C0
I/O30
D6
I/O29
D5
F
G
NC
I/O96
M0
I11
VCC
NC
I/O97
M1
VCC
GND
GND
VCC
I/O17
C1
I/O28
D4
GND
I/O26
D2
I/O25
D1
I2
G
H
I/O88
L0
I10
I9
GND
I/O89
L1
I/O90
L2
GND
VCC
VCC
GND
I/O27
D3
I/O24
D0
VCC
NC
NC
NC
H
J
I/O91
L3
I/O92
L4
I/O93
L5
GND
I/O95
L7
I/O94
L6
GND
VCC
VCC
GND
I3
NC
GND
NC
NC
NC
J
K
NC
NC
NC
VCC
NC
NC
VCC
GND
GND
VCC
NC
NC
VCC
I4
NC
I/O32
E0
K
L
NC
NC
I/O80
K0
GND
I/O83
K3
NC
NC
NC
I/O59
H3
I/O61
H5
NC
NC
GND
I/O35
E3
I/O36
E4
I/O33
E1
L
M
I/O81
K1
I/O82
K2
I/O84
K4
GND
I/O67
I3
I/O65
I1
NC
NC
I/O58
H2
I/O48
G0
I/O51
G3
NC
VCC
I/O44
F4
I/O39
E7
I/O34
E2
M
N
I/O85
K5
I/O86
K6
TENB
VCC
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
TCK
I/O40
F0
I/O37
E5
N
P
I/O87
K7
I/O77
J5
I/O78
J6
I/O79
J7
I/O68
I4
I/O66
I2
NC
NC
NC
I6
I/O63
H7
I/O52
G4
I/O55
G7
TMS
I/O41
F1
I/O38
E6
P
R
I/O76
J4
I/O75
J3
I/O72
J0
I/O71
I7
I/O64
I0
I7
NC
NC
NC
I/O56
H0
I/O60
H4
I/O49
G1
I/O53
G5
I/O47
F7
I/O43
F3
I/O42
F2
R
T
I/O74
J2
I/O73
J1
I/O70
I6
I/O69
I5
I8
CLK2
NC
NC
CLK1
I5
I/O57
H1
I/O62
H6
I/O50
G2
I/O54
G6
I/O46
F6
I/O45
F5
T
16
15
14
13
12
11
10
987654321
PIN DESIGNATIONS
CLK
GND
I
I/O
N/C
VCC
TDI
TCK
TMS
TDO
TRST
ENABLE
=
=
=
=
=
=
=
=
=
=
=
=
I/O Cell
PAL Block
Clock
Ground
Input
Input/Output
No Connect
Supply Voltage
Test Data In
Test Clock
Test Mode Select
Test Data Out
Test Reset
Program
C7
m4a3.256.128_256bga



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com