Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 4Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 5Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 6Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 9Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 10Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 11Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
ispMACH 4A Family
Table 6. Logic Allocator for All ispMACH 4A Devices (except M4A(3,5)-32/32)
Output Macrocell
Available Clusters
Output Macrocell
Available Clusters
M0
C0, C1, C2
M8
C7, C8, C9, C10
M1
C0, C1, C2, C3
M9
C8, C9, C10, C11
M2
C1, C2, C3, C4
M10
C9, C10, C11, C12
M3
C2, C3, C4, C5
M11
C10, C11, C12, C13
M4
C3, C4, C5, C6
M12
C11, C12, C13, C14
M5
C4, C5, C6, C7
M13
C12, C13, C14, C15
M6
C5, C6, C7, C8
M14
C13, C14, C15
M7
C6, C7, C8, C9
M15
C14, C15
Table 7. Logic Allocator for M4A(3,5)-32/32
Output Macrocell
Available Clusters
Output Macrocell
Available Clusters
M0
C0, C1, C2
M8
C8, C9, C10
M1
C0, C1, C2, C3
M9
C8, C9, C10, C11
M2
C1, C2, C3, C4
M10
C9, C10, C11, C12
M3
C2, C3, C4, C5
M11
C10, C11, C12, C13
M4
C3, C4, C5, C6
M12
C11, C12, C13, C14
M5
C4, C5, C6, C7
M13
C12, C13, C14, C15
M6
C5, C6, C7
M14
C13, C14, C15
M7
C6, C7
M15
C14, C15
0 Default
0 Default
Prog. Polarity
Basic Product
Term Cluster
Extra
Product
Term
Logic Allocator
n
n
0 Default
0 Default
Prog. Polarity
Basic Product
Term Cluster
Extra
Product
Term
Logic Allocator
nn
17466G-006
Figure 2. Logic Allocator: Configuration of Cluster “n” Set by Mode of Macrocell “n”
17466G-005
a. Synchronous Mode
b. Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com