Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 8 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 8 Page - ams AG

Back Button AS3608 Datasheet HTML 4Page - ams AG AS3608 Datasheet HTML 5Page - ams AG AS3608 Datasheet HTML 6Page - ams AG AS3608 Datasheet HTML 7Page - ams AG AS3608 Datasheet HTML 8Page - ams AG AS3608 Datasheet HTML 9Page - ams AG AS3608 Datasheet HTML 10Page - ams AG AS3608 Datasheet HTML 11Page - ams AG AS3608 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 67
AS3608 2v2
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 8 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. The device should be operated under recommended operating
conditions.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
5V pins
-0.5
7.0
V
Applicable for pins VBATSW, VSUPSW, VSUP1/
2/3/4/5, PWRUP, GPIO1/2/3/4, VBUS
3V pins
-0.5
5.0
V
Applicable for pins DVDD
30V pins
-0.5
32
V
Applicable for pin LXSU, CURR1/2
5V pins with protection to VSUPx
-0.5
7.0
VSUPx+0.5
V
Applicable for pins EXTBATSW, FBSU
3V pins with protection to VDD27
-0.5
5.0
VDD27
V
Applicable for pins BATTEMP
3V pins with protection to DVDD
-0.5
5.0
DVDD+0.5
V
Applicable for pins XIRQ, XRES, CSCL, CSDA
3V pins with protection to VSUPx
-0.5
5.0
VSUPx+0.5
V
Applicable for pins PVDD1/2/3/4, VDD27,
CVDD1/2/3, LXC1,/2/3
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Continuous Power Dissipation (TA = +85ºC)
Continuous power dissipation
1W
PT
1 for QFN36 package (RTH ~ 30K/W)
1. Depending on actual PCB layout and PCB used
Electrostatic Discharge
Electrostatic Discharge HBM
±1.5
kV
Norm: JEDEC JESD22-A114C
Temperature Ranges and Storage Conditions
Junction Temperature
+110
ºC
Storage Temperature Range
-55
+125
ºC
Humidity non-condensing
585
%
Temperature (soldering)
Package Body Temperature
260
ºC
Norm IPC/JEDEC J-STD-020
2
The lead finish for Pb-free leaded packages is
matte tin (100% Sn)
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices.
Moisture Sensitive Level
3
Represents a max. floor live time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com