Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 36 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 36 Page - ams AG

Back Button AS3608 Datasheet HTML 32Page - ams AG AS3608 Datasheet HTML 33Page - ams AG AS3608 Datasheet HTML 34Page - ams AG AS3608 Datasheet HTML 35Page - ams AG AS3608 Datasheet HTML 36Page - ams AG AS3608 Datasheet HTML 37Page - ams AG AS3608 Datasheet HTML 38Page - ams AG AS3608 Datasheet HTML 39Page - ams AG AS3608 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
18h-4
PVDD4
PVDD4_ON
ILIM_H_PVDD4
0: 150mA
1: 250mA
LP_PVDD4
0: normal mode
1: low power mode
VSEL_PVDD4<4:0>
0x00 – 0x0F: 1.2V + VSEL * 50mV
→ (1.2V – 1.95V)
0x10 – 0x1F: 2.0V + (VSEL-0x10) * 100mV
→ (2.0V – 3.5V)
18h-5
VDD27
PRG_VDD27
0: boot ROM
1:register defined
ILIM_H_VDD27
0: 100mA
1: 200mA
LP_VDD27
-
VSEL_VDD27<3:0>
0x0 – 0x2: 2.3V
0x3 – 0xF: 2.0V + VSEL* 100mV
→ (2.3V – 3.5V)
19h-0
CHG_Cntr
BAT_DET_OFF
AUTO_RESUME
BAT_CHARGE_ON
USB_CURRLIM <3:0>
0: 94mA; 1: 141mA; 2: 189mA; 3: 237mA; 4: 285mA; 5: 332mA; 6: 380mA; 7:
428mA; 8: 470mA; 9: 517mA; A: 599mA; B: 760mA; C: 882mA; D: 1060mA;
E-F: not defined
USB_PREREG_ON
19h-1
CHG_VCntr
CHG_V_RESUME <2:0>
0: 3.85V; 1: 3.9V; 2: 3.95V; 3: 4.0V;
4: 4.05V; 5: 4.1V; 6:4.15V; 7: 4.2V
VSUP_MIN<1:0>
0: 3.9V; 1: 3.6V;
2: 4.2V; 3: 4.5V
CHG_V_EOC <2:0>
0: 3.9V; 1: 3.95V; 2: 4.0V; 3: 4.05V;
4: 4.1V; 5: 4.15V; 6: 4.2V; 7: 4.25V
19h-2
CHG_ICntr
CHG_I_CONSTANT <3:0>
0: 94mA; 1: 141mA; 2: 189mA; 3: 237mA; 4: 285mA; 5: 332mA; 6: 380mA; 7:
428mA; 8: 470mA; 9: 517mA; A: 599mA; B: 760mA; C: 882mA; D: 1060mA;
E-F: not defined
CHG_I_TRICKLE <3:0>
0: 25mA; 1: 35mA; 2: 47mA; 3: 59mA; 4: 71mA; 5: 83mA; 6: 95mA; 7: 107mA;
8: 118mA; 9: 129mA; A: 150mA; B: 190mA; C: 221mA; D: 265mA; E-F: not defined
19h-3
CHG_Conf
-
CHG_I_EOC<1:0>
0: 8%; 1: 15%;
2: 10%; 3: 20%
VSUP_EOC <2:0>
0: 4.3V; 1: 4.4V; 2: 4.5V; 3: 4.6V;
4: 4.7V; 5: 4.8V; 6: 4.9V; 7: 5.0V
19h-4
CHG_NTC
-
NTC_MODE
0: 55°C; 1: 45°C
NTC_10K
0: 100k; 1: 10K;
NTC_ON
19h-5
CHG_TIME
-
TMAX_TIMER
CHG_TIMEOUT <3:0>
0:disabled; 1: 0.5h; 2: 1h; 3: 1,5h; 4: 2h; 5: 2.5h; 6: 3h; 7: 3.5h;
8: 4h; 9: 4.5h; A: 5h; B: 5.5h; C: 6h; D: 6.5h; E: 7h; F:7.5h
19h-6
CHG_STAT1
NO_BAT
BATTEMP_HIGH
EOC
CV
TRICKLE
RESUME
CC
CHG_DET
19h-7
CHG_STAT2
-
BATSW_MODE <1:0>
1Ah-1
Out_Cntr
DCDC23_1.4A
GPIO_HBN_ON
HBN_DELAY<1:0>
0: 0ms; 1: 8ms;
2: 16ms; 3: 32ms
DRIVE_XIRQ<1:0>
0: 6mA OD; 1: 6mA PP;
2: 1mA PP; 3: HiZ
MUX_XIRQ<1:0>
0: XIRQ; 1: CLKINT1;
2: CLKINT2; 3: IRQ
1Ah-2
Clk_Cntr
CLKINT2<1:0>
0: LOW; 1: CLK1Hz (charger);
2: do not use; 3: HIGH
CLKINT1<1:0>
0: 2MHz; 1: 1MHz;
2: 1kHz; 3: 125Hz
GPIO_DIMM_HBN_SEL <1:0>
0: LOW; 1: GPIO1;
2: GPIO2; 3: GPIO3
-
1Bh-1
Boost_Cntr1
SU_ON
-
SU_SLOWDIM
0: tbd
1: tbd
SU_EXTDIM<1:0>
0: no dimm; 1: CURR1;
2: CURR2; 3: GPIO1/2/3
SU_OVP_OFF
SU_CURR_FB
SU_FASTSKIP
1Bh-2
Boost_Cntr2
SU_IFB<4:0>
0x00 - 0x1F: 1µA * SU_IFB;
SU_CURRLIM
SU_GAIN
SU_FREQ
Table 18. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com