Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 12 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 12 Page - ams AG

Back Button AS3608 Datasheet HTML 8Page - ams AG AS3608 Datasheet HTML 9Page - ams AG AS3608 Datasheet HTML 10Page - ams AG AS3608 Datasheet HTML 11Page - ams AG AS3608 Datasheet HTML 12Page - ams AG AS3608 Datasheet HTML 13Page - ams AG AS3608 Datasheet HTML 14Page - ams AG AS3608 Datasheet HTML 15Page - ams AG AS3608 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 67
AS3608 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8 Detailed Description - Power Management Functions
8.1 Low Drop Out Regulators
These LDOs are designed to supply sensitive analog circuits, audio devices, AD and DA converters, micro-controller and other peripheral
devices. The design is optimized to deliver the best compromise between quiescent current and regulator performance for battery powered
devices.
Stability is guaranteed with ceramic output capacitors of 1µF ±20% (X5R) or 2.2µF +100/-50% (Z5U). The low ESR of these caps ensures low
output impedance at high frequencies. Regulation performance is excellent even under low dropout conditions, when the power transistor has to
operate in linear mode. Power supply rejection is high enough to suppress high ripple on the battery at the output. The low noise performance
allows direct connection of noise sensitive circuits without additional filtering networks. The low impedance of the power device enables the
device to deliver up to 150mA even at nearly discharged batteries without any decrease of performance.
Figure 3. LDO Block Diagram
8.1.1 LDO5
This LDO generates the digital supply voltage used for the PMU itself.
Input Voltage is VSUP5
Output Voltage is VDD27 (typ. 2.7V), this LDO always starts at the beginning of the start-up sequence as it is needed for all further
operation. The default voltage cannot be changed in the boot ROM.
Driver strength: 100mA, can be programmed to 200mA
It is set to a default output voltage of 2.7V, 100mAmax. It supplies the analog and digital part of the PMU. Additional external loads are possible
but must not exceed the supply ratings in total together with the operating internal blocks. Further, the external load must not induce noise to the
VDD27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com