Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 44 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 44 Page - ams AG

Back Button AS3608 Datasheet HTML 40Page - ams AG AS3608 Datasheet HTML 41Page - ams AG AS3608 Datasheet HTML 42Page - ams AG AS3608 Datasheet HTML 43Page - ams AG AS3608 Datasheet HTML 44Page - ams AG AS3608 Datasheet HTML 45Page - ams AG AS3608 Datasheet HTML 46Page - ams AG AS3608 Datasheet HTML 47Page - ams AG AS3608 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
43 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 30. CHG_Cntr Register
Name
Base
Default
CHG_Cntr
2-wire serial
C9h
Offset: 19h-0
Charger Control Register
This is an extended register but does not need to be enabled as Reg. 1Ch is 000b per default.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
BAT_DET_OFF
1
R/W
Disables the battery detection
0: Battery detection switched on
1: Battery detection switched off
6
AUTO_RESUME
1
R/W
Defines the behavior after end of charge (EOC)
0: auto resume is disabled
1: auto resume enabled, charger will start charging when VBATSW
drops below the resume level
5
BAT_CHARGE_ON
0
R/W
Enables the battery charging
0: VSUP is supplied via USB pre-regulator, but the battery switch is
open
1: normal battery charging operation from USB pre-regulator
4:1
USB_CURRLIM
<3:0>
1000
R/W
Sets the USB pre-regulator current limit
0x0: 94mA (USB low current)
0x1: 141mA
0x2: 189mA
0x3: 237mA
0x4: 285mA
0x5: 332mA
0x6: 380mA
0x7: 428mA
0x8: 470mA (USB high current)
0x9: 517mA
0xA: 599mA
0xB: 760mA
0xC: 882mA
0xD: 1060mA
0xE, 0xF: do not use
0
USB_PREREG_ON
1
R/W
Enables the USB pre-regulator and current limiter
0: USB pre-regulator is switched off
1: USB pre-regulator supplies VSUP from VUSB input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com