Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 19 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 19 Page - ams AG

Back Button AS3608 Datasheet HTML 15Page - ams AG AS3608 Datasheet HTML 16Page - ams AG AS3608 Datasheet HTML 17Page - ams AG AS3608 Datasheet HTML 18Page - ams AG AS3608 Datasheet HTML 19Page - ams AG AS3608 Datasheet HTML 20Page - ams AG AS3608 Datasheet HTML 21Page - ams AG AS3608 Datasheet HTML 22Page - ams AG AS3608 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
18 - 67
AS3608 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.3 30V Step-Up DCDC Converter
The integrated Step-Up DC/DC Converter is a high efficiency current-mode PWM regulator, providing an output voltage up to 30V. A constant
switching-frequency results in a low noise on supply and output voltages.
It has two programmable high voltage current sinks (0 to 38.25mA) for driving e.g. white LEDs as back-light. It can drive also unbalanced strings
due to the internal automatic feedback selection.
A voltage feedback mode allows generating constant supply voltages for e.g. OLEDs. The output voltage is set by an external resistor divider
and an internal current sink.
An internal protection circuit will shut down the regulator if the voltage on FBSU exceeds the over voltage threshold. No more external protection
has to be used to avoid an exceeding of the operation conditions in a no load situation.
Figure 9. DCDC15 Block Diagram
8.3.1 Voltage Feedback and OV Protection
8.3.2 Voltage Feedback
Setting bit SU_CURR_FB = 0 enables voltage feedback at pin FBSU.
The output voltage is regulated to a constant value, given by (Bit SU_GAIN should be set to 1 in this configuration)
UStep up_out = (R1+R2)/R2 *1.25 + IFB * R1
(EQ 1)
If R2 is not used, the output voltage is by (Bit SU_GAIN should be set to 0 in this configuration)
UStep up_out = 1.25 + IFB * R1
(EQ 2)
Where:
UStep up_out = Step Up DC/DC Converter output voltage
R1 = Feedback resistor R1
R2 = Feedback resistor R2
IFB = Tuning current at pin FBSU; 0 to 31µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com