Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 55 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 55 Page - ams AG

Back Button AS3608 Datasheet HTML 51Page - ams AG AS3608 Datasheet HTML 52Page - ams AG AS3608 Datasheet HTML 53Page - ams AG AS3608 Datasheet HTML 54Page - ams AG AS3608 Datasheet HTML 55Page - ams AG AS3608 Datasheet HTML 56Page - ams AG AS3608 Datasheet HTML 57Page - ams AG AS3608 Datasheet HTML 58Page - ams AG AS3608 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
54 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 47. SUPERVISOR2 Register
Name
Base
Default
SUPERVISOR2
2-wire serial
00h
Offset: 22h
SUPERVISOR Register 2
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:6
-
00
n/a
5
VDD27low_SD_OFF
0
R/W
0: VDD27low (VDD27 -10%) shut down enabled
1: VDD27low shut down disabled
4
VSUPlow_SD_ON
0
R/W
0: VSUPlow shut down enabled
1: VSUPlow shut down disabled
3:1
VSUPlow_SUP<2:0>
000
R/W
Sets the threshold for VSUP supervisor
000: 2.7V
001: 2.9V
010: 3.1V
011: 3.2V
100: 3.3V
101: 3.4V
110: 3.5V
111: 3.6V
0
VSUPlow_SUP_OFF
0
R/W
0: VSUPlow supervision enabled
1: VSUPlow supervision disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com