Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 15 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 15 Page - ams AG

Back Button AS3608 Datasheet HTML 11Page - ams AG AS3608 Datasheet HTML 12Page - ams AG AS3608 Datasheet HTML 13Page - ams AG AS3608 Datasheet HTML 14Page - ams AG AS3608 Datasheet HTML 15Page - ams AG AS3608 Datasheet HTML 16Page - ams AG AS3608 Datasheet HTML 17Page - ams AG AS3608 Datasheet HTML 18Page - ams AG AS3608 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
14 - 67
AS3608 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
8.2 DCDC Step-Down Converter
These converters are meant to convert the battery voltage down to voltages which fit to the core and peripheral supply voltage requirements for
microprocessors.
Input Voltage VSUP1/2/3 (usually connected to VSUPSW)
Output Voltage CVDD1 & CVDD2 & CVDD3
Output voltage levels can be programmed independently form 0.61V to 3.35V
The default value at start-up is defined by the boot ROM
DVM for all three outputs with selectable timings
Driver strength 1A@1.2V, DCDC2 & 3 can be combined together to double the output current
Under- and over-voltage detection
High efficiency current force mode
1MHz or 2MHz switching frequency
Fast regulation mode
Figure 5. DCDC Step-Down Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com