Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 34 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 34 Page - ams AG

Back Button AS3608 Datasheet HTML 30Page - ams AG AS3608 Datasheet HTML 31Page - ams AG AS3608 Datasheet HTML 32Page - ams AG AS3608 Datasheet HTML 33Page - ams AG AS3608 Datasheet HTML 34Page - ams AG AS3608 Datasheet HTML 35Page - ams AG AS3608 Datasheet HTML 36Page - ams AG AS3608 Datasheet HTML 37Page - ams AG AS3608 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
33 - 67
AS3608 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - S Y S T E M F u n c t i o n s
9.7.2 Parameter
Figure 19. 2-Wire Serial Timing
DVDD =2.9V, Tamb=25ºC, unless otherwise specified.
Table 17. 2-Wire Serial Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCSL
CSCL, CSDA Low Input Level
(max 30%DVDD)
0
-
0.87
V
VCSH
CSCL, CSDA High Input Level
CSCL, CSDA (min 70%DVDD)
2.03
-
5.5
V
HYST
CSCL, CSDA Input Hysteresis
200
450
800
mV
VOL
CSDA Low Output Level
at 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
TH
Clock high time
max. 400kHz clock speed
500
ns
TL
Clock low time
max. 400kHz clock speed
500
ns
TSU
CSDA has to change Tsetup before rising edge
of CSCL
250
-
-
ns
THD
No hold time needed for CSDA relative to rising
edge of CSCL
0--
ns
TS
CSDA H hold time relative to CSDA edge for
start/stop/rep_start
200
-
-
ns
TPD
CSDA prop delay relative to lowgoing edge of
CSCL
50
ns
8
1-7
CSCL
CSDA
8
9
8
1-7
8
9
8
1-7
8
9
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
TS
TSU
TH
TL
THD
TPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com