Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 54 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 54 Page - ams AG

Back Button AS3608 Datasheet HTML 50Page - ams AG AS3608 Datasheet HTML 51Page - ams AG AS3608 Datasheet HTML 52Page - ams AG AS3608 Datasheet HTML 53Page - ams AG AS3608 Datasheet HTML 54Page - ams AG AS3608 Datasheet HTML 55Page - ams AG AS3608 Datasheet HTML 56Page - ams AG AS3608 Datasheet HTML 57Page - ams AG AS3608 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
53 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 45. SYSTEM Register
Name
Base
Default
SYSTEM
2-wire serial
51h
Offset: 20h
SYSTEM Register
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:4
Design_Version<3:0>
0101
R
Number to identify the design version
0101: for chip version 2v2
3-
0
n/a
2
JTEMP_SUP_OFF
0
R/W
Junction temperature supervision (level can be set in register 21h)
0: temperature supervision enabled
1: temperature supervision disabled
1
I2C_WD_ON
0
R/W
2-wire serial interface watchdog
To reset the watchdog counter a 2-wire serial read operation has to be
performed at least every 500ms. If the watchdog counter is not reset, the
PMU will be powered down.
0: watchdog is disabled
1: watchdog is enabled
0
PWR_HOLD
1
R/W
0: power up hold is cleared and PMU will power down
1: is automatically set to on after power on
Table 46. SUPERVISOR1 Register
Name
Base
Default
SUPERVISOR1
2-wire serial
00h
Offset: 21h
SUPERVISOR Register 1
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:6
PWRUP_SD_XRES
<1:0>
00
R/W
Applying a high signal on PWRUP pin for about 10s will
00: perform a reset cycle
01: have no effect
10: initiate a shut-down
11: initiate a shut-down
5
SD_XRES_TIME
0
n/a
Halfs the time from pulling PWRUP high to XRES or SD
0: 8s
1: 4s
4:0
JTEMP_SUP<4:0>
0
R/W
Sets the threshold for junction temperature emergency shutdown and
junction temperature interrupt
Invoke shutdown at: JTemp_SD=140-JTEMP_Sup*5ºC
Invoke interrupt at: JTemp_IRQ=120-JTEMP_Sup*5ºC
JT_Sup
00000
00001
.
.
11110
11111
IRQ
120°C
115°C
.
.
-30°C
-35°C
Shutdown
140°C
135°C
.
.
-10°C
-15°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com