Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 51 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 51 Page - ams AG

Back Button AS3608 Datasheet HTML 47Page - ams AG AS3608 Datasheet HTML 48Page - ams AG AS3608 Datasheet HTML 49Page - ams AG AS3608 Datasheet HTML 50Page - ams AG AS3608 Datasheet HTML 51Page - ams AG AS3608 Datasheet HTML 52Page - ams AG AS3608 Datasheet HTML 53Page - ams AG AS3608 Datasheet HTML 54Page - ams AG AS3608 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
50 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
3:2
GPIO_DIMM_HBN_SEL
<1:0>
00
R/W
Selects input for external dimming or hibernation control
00: disable dimming or hibernation via GPIO
01: GPIO1
10: GPIO2
11: GPIO3
1:0
-
00
n/a
Table 40. BOOST_Cntr1 Register
Name
Base
Default
BOOST_Cntr1
2-wire serial
00h
Offset: 1Bh-1
DCDC step-up Control Register 1
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
SU_ON
0
R/W
Enables the DCDC step-up regulator
0: SU switched off
1: SU switched on (will be reset if VFB exceeds the maximum and the
current drops to zero)
6-
0
n/a
5
SU_SLOWDIM
0
R/W
Selects the DCDC step-up regulator external dimming mode
0: for dimming frequencies <1kHz
1: for dimming frequencies >1kHz
4:3
SU_EXTDIM<1:0>
00
R/W
Selects the DCDC step-up external PWM dimming input
00: no ext. dimming
01: CURR1 controlled
10: CURR2 controlled
11: GPIO1/2/3 controlled (selected via GPIO_DIMM_HBN_SEL <1:0>)
2
SU_OVP_OFF
0
R/W
Disables the DCDC step-up over-voltage protection
0: SU OVP switched on
1: SU OVP switched off
1
SU_CURR_FB
0
R/W
Selects the DCDC step-up feedback mode
0: voltage FB via pin FBSU
1: current feedback via CURR1 or CURR2 (automatic select)
0
SU_FASTSKIP
0
R/W
Defines the DCDC step-up regulator output voltage at low loads, when pulse
skipping is active
0: Accurate output voltage, more ripple
1: Elevated output voltage, less ripple
Table 39. Clk_Cntr Register
Name
Base
Default
Clk_Cntr
2-wire serial
00h
Offset: 1Ah-2
Clock Control Register
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com