Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 40 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 40 Page - ams AG

Back Button AS3608 Datasheet HTML 36Page - ams AG AS3608 Datasheet HTML 37Page - ams AG AS3608 Datasheet HTML 38Page - ams AG AS3608 Datasheet HTML 39Page - ams AG AS3608 Datasheet HTML 40Page - ams AG AS3608 Datasheet HTML 41Page - ams AG AS3608 Datasheet HTML 42Page - ams AG AS3608 Datasheet HTML 43Page - ams AG AS3608 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
39 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 23. DCDC_Cntr Register
Name
Base
Default
DCDC_Cntr
2-wire serial
00h
Offset: 17h-5
DC/DC Step Down Control Register
This is an extended register and needs to be enabled by writing 101b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
CFM_CVDD23_OFF
0
R/W
Disables pulse skip mode for DCDC2 and DCDC3
0: current force mode / pulse skip enabled
1: current force mode / pulse skip disable
6
CFM_CVDD1_OFF
0
R/W
Disables pulse skip mode for DCDC1
0: current force mode / pulse skip enabled
1: current force mode / pulse skip disable
5
CVDD23_FREQ
0
R/W
Selects the switching frequency for DCDC2 and DCDC 3
0: 2MHz
1: 1MHz
4
CVDD1_FREQ
0
R/W
Selects the switching frequency for DCDC1
0: 2MHz
1: 1MHz
3:2
DVM_CVDD23<1:0>
00
R/W
Configures the dynamic voltage management (output voltage slope) for
CVDD2 and CVDD3
00: immediate change of the output voltage
01: 32µs/step
10: 128µs/step
11: 512µs/step
1:0
DVM_CVDD1<1:0>
00
R/W
Configures the dynamic voltage management (output voltage slope) for
CVDD1
00: immediate change of the output voltage
01: 32µs/step
10: 128µs/step
11: 512µs/step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com