Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 37 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 37 Page - ams AG

Back Button AS3608 Datasheet HTML 33Page - ams AG AS3608 Datasheet HTML 34Page - ams AG AS3608 Datasheet HTML 35Page - ams AG AS3608 Datasheet HTML 36Page - ams AG AS3608 Datasheet HTML 37Page - ams AG AS3608 Datasheet HTML 38Page - ams AG AS3608 Datasheet HTML 39Page - ams AG AS3608 Datasheet HTML 40Page - ams AG AS3608 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
1Bh-3
CURR1
ICURR1<7:0>
0x00 - 0xFF: 150µA * ICURR;
1Bh-4
CURR2
ICURR2<7:0>
0x00 - 0xFF: 150µA * ICURR;
1Ch
PMU_Enable
DC_TEST_MUX <3:0>
0: open; 1: PVDD1; 2: PVDD2;
3: PVDD3; 4: PVDD4; 5: VDD27;
6: CVDD1; 7: CVDD2; 8: CVDD3;
9-F: not defined
PMU_GATE
PMU_ENABLE <2:0>
SubRegister addresses for registers:
0x17: DCDC regulators
0x18: LDOs regulators
0x19: Charger
0x1A: IO_clock_control
0x1B: BackLight_DCDC
System Register
20h
SYSTEM
Design_Version<3:0>
-
JTEMP_SUP_OFF I2C_WD_ON
PWR_HOLD
21h
SUPERVISOR1
PWRUP_SD_XRES <1:0>
0: XRES; 1: -;
2: SD; 3: SD
SD_XRES_TIME
0: 8s;
1: 4s
JTEMP_SUP<4:0>
Temp_ShutDown = 140ºC - JTEMP_SUP*5ºC
→ (140ºC...5ºC)
Temp_IRQ = 120ºC - JTEMP_SUP*5ºC
→ (120ºC...-15ºC)
22h
SUPERVISOR2
-
-
VDD27low_SD_OF
F
VSUPlow_SD_ON VSUPlow_SUP<2:0>
VSUPlow_SUP_OFF
23h
IRQENRD_0
CVDD1_SD
CVDD1_IRQ
CVDD2_SD
CVDD2_IRQ
CVDD3_SD
CVDD3_IRQ
-
CVDD1_under
CVDD1_over
CVDD2_under
CVDD2_over
CVDD3_under
CVDD3_over
-
24h
IRQENRD_1
PWRUP_IRQ
GPIO1_IRQ
GPIO2_IRQ
GPIO3_IRQ
GPIO4_IRQ
25h
IRQENRD_2
CHG_TEMP_IRQ
CHG_EOC_IRQ
CHG_NoBAT_IRQ CHG_DET_IRQ
-
ICURR_LV_IRQ
VSUP_LOW_IRQ VDD27_LOW_IRQ
CHG_TEMP
CHG_EOC
CHG_NoBat
CHG_DET
26h
IRQENRD_3
T_DEB<1:0>
0: 3ms; 1: off
JTEMP_HIGH
-
ADC_EOC
2Eh
ADC10_0
ADC10_MUX<3:0>
0: VSUP; 1: GPIO3; 2: GPIO4; 3: VSUPSW; 4: VUSB
5: DC_TEST; 6: BATTEMP; 7: GPIO1; 8: GPIO2; 9: PWRUP; A,B: -;
C: VBE_1µA; D: VBE_2µA; E,F: -
--
ADC10<9:8>
2Fh
ADC10_1
ADC10<7:0>
Table 18. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com