Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 17 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 17 Page - ams AG

Back Button AS3608 Datasheet HTML 13Page - ams AG AS3608 Datasheet HTML 14Page - ams AG AS3608 Datasheet HTML 15Page - ams AG AS3608 Datasheet HTML 16Page - ams AG AS3608 Datasheet HTML 17Page - ams AG AS3608 Datasheet HTML 18Page - ams AG AS3608 Datasheet HTML 19Page - ams AG AS3608 Datasheet HTML 20Page - ams AG AS3608 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
16 - 67
AS3608 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
DVM (Dynamic Voltage Management). To minimize the over-/undershoot during a change of the output voltage, the DVM can be enabled.
With DVM the output voltage will ramp up/down with a selectable slope after the new value was written to the registers. Without DVM the slew
rate of the output voltage is only determined by external components like the coil and load capacitor as well as the load current.
Fast Regulation Mode. This mode can be used to react faster on sudden load changes and thus minimize the over-/undershoot of the output
voltage. FRM needs an 22uF output capacitor instead the 10uF one to guarantee the stability of the regulator.
Low Frequency Operation. Especially for very low load conditions, e.g. during a sleep mode of a processor, the switching frequency can be
reduced to achieve a higher efficiency.
100% PMOS ON Mode for Low Dropout Regulation. For low input to output voltage difference the DCDC converter can use 100% duty
cycle for the PMOS transistor, which is than in LDO mode.
8.2.2 Parameter
VSUP=3.6, TA= 25ºC, unless otherwise specified.
Table 5. DCDC Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input voltage
VSUPx
2.7
5.5
V
VOUT
Regulated output voltage
0.6125
3.35
V
VOUT_tol
Output voltage tolerance
minimum ±50mV
-3%
3%
mV
Iload
Maximum Load current
700
mA
Vout=2.5V
800
mA
Vout=1.8V
900
mA
Vout=1.2V
1000
mA
Iload
Maximum Load current
DCDC2+DCDC3
1400
mA
Vout=2.5V
1600
mA
Vout=1.8V
1800
mA
Vout=1.2V
2000
mA
ILIMIT
Current limit
1200
mA
RPSW
P-Switch ON resistance
VSUPx=3.0V
0.5
0.7
Ω
RNSW
N-Switch ON resistance
VSUPx=3.0V
0.5
0.7
Ω
fSW
Switching frequency
depending on DCDC_Cntr settings
1/2
MHz
fSWsc
Switching frequency
in shortcut case
0.6
MHz
Cout
Output capacitor
Ceramic, ±10% tolerance
10
µF
Lx
Inductor
±10% tolerance
2.2
µH
ηeff
Efficiency
Iout=150mA, Vout=3.0V
97
%
IVDD
Current consumption
Operating current without load
Shutdown current
65
0.1
µA
tMIN_ON
Minimum on time
80
ns
tMIN_OFF
Minimum off time
40
ns
VLineReg
Line regulation
Static
2
mV
Transient; Slope: tr=10µs, 100mV step, 200mA
load
10
VLoadReg
Load regulation
Static
5
mV
Transient; Slope: tr=10µs,
100mA step
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com