Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 20 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 20 Page - ams AG

Back Button AS3608 Datasheet HTML 16Page - ams AG AS3608 Datasheet HTML 17Page - ams AG AS3608 Datasheet HTML 18Page - ams AG AS3608 Datasheet HTML 19Page - ams AG AS3608 Datasheet HTML 20Page - ams AG AS3608 Datasheet HTML 21Page - ams AG AS3608 Datasheet HTML 22Page - ams AG AS3608 Datasheet HTML 23Page - ams AG AS3608 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
19 - 67
AS3608 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M anage ment F uncti ons
Note:
The voltage on CURR1 and CURR2 must not exceed 30V.
8.3.3 Over Voltage Protection (OVP)
Setting bit SU_CURR_FB = 1 enables feedback via the current sink pins. The voltage on the current sink pin is regulated to VCURR. The
selection of the current sink with the larger load is done automatically. The pin FBSU acts as an overvoltage protection in this mode. Please be
sure to set the voltage to a higher level than needed to drive the longer LED string. The calculation of the resistor can be done the same as
described in the chapter above.
8.3.4 DLS & Dimming
AS3608 feature external dimming inputs via CURR1, CURR2, GPIO1 or GPIO2 by directly connecting a PWM output of e.g. the display
controller for DLS (dynamic luminance scaling). Manual dimming can be done at any time by setting the sink current via I2C commands.
8.3.5 Current Sinks
The current sinks work independent from each other and can also be used without the booster, or can act as a dimming input if they are not
needed as a sink.
Table 6. Voltage Feedback Example Values
IDCDC_FB
UStep up_out
UStep up_out
µA
R1 = 1M
Ω, R2 not used
R1 = 500k
Ω, R2 = 50kΩ
0-
13.75
1-
14.25
2-
14.75
3-
15.25
4-
15.75
56.25
16.25
67.25
16.75
78.25
17.25
89.25
17.75
9
10.25
18.25
10
11.25
18.75
11
12.25
19.25
12
13.25
19.75
13
14.25
20.25
14
15.25
20.75
15
16.25
21.25
………
30
31.25
28.75
31
32.25
29.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com