Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 43 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 43 Page - ams AG

Back Button AS3608 Datasheet HTML 39Page - ams AG AS3608 Datasheet HTML 40Page - ams AG AS3608 Datasheet HTML 41Page - ams AG AS3608 Datasheet HTML 42Page - ams AG AS3608 Datasheet HTML 43Page - ams AG AS3608 Datasheet HTML 44Page - ams AG AS3608 Datasheet HTML 45Page - ams AG AS3608 Datasheet HTML 46Page - ams AG AS3608 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
42 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 28. PVDD4 Register
Name
Base
Default
PVDD4
2-wire serial
00h
Offset: 18h-4
PVDD4 Control Register
This is an extended register and needs to be enabled by writing 100b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
PVDD4_ON
0
R/W
Enables PVDD4 regulator
0: PVDD4 switched off
1: PVDD4 switched on
6
ILIM_H_PVDD4
0
R/W
Selects the higher current limit for PVDD4
0: default mode, 150mA
1: 250mA mode
5
LP_PVDD4
0
R/W
Selects the low power mode for PVDD4
0: PVDD4 is in normal operation
1: PVDD4 supply current is reduced
4:0
VSEL_PVDD4<4:0>
00000
R/W
Sets the LDO output voltage in register control mode (default voltage of the
regulator is selected by the boot ROM
0x00-0x0F: 1.2V+VSEL*50mV
→ (1.2V - 1.95V)
0x10-0x1F: 2.0V + (VSEL-0x10)*100mV
→ (2.0V-3.5V)
Table 29. VDD27 Register
Name
Base
Default
VDD27
2-wire serial
00h
Offset: 18h-5
VDD27 Control Register
This is an extended register and needs to be enabled by writing 101b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
PRG_VDD27
0
n/a
Selects the output voltage control mode for VDD27
0:VDD27 is in default mode
1: VDD27 is register controlled (Reg. 18-5h)
6
ILIM_H_VDD27
0
R/W
Selects the higher current limit for VDD27
0: default mode, 100mA
1: 200mA mode
5
LP_VDD27
0
R/W
Selects the low power mode for VDD27
0: VDD27 is in normal operation
1: VDD27 supply current is reduced
5-
0
n/a
3:0
VSEL_VDD27<3:0>
0000
R/W
Sets the LDO output voltage in register control mode (default voltage of the
regulator is 2.7V)
0x0-0x2: 2.3V
0x3-0xF: 2.0V + VSEL*100mV
→ (2.3V-3.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com