Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 6 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 6 Page - ams AG

Back Button AS3608 Datasheet HTML 2Page - ams AG AS3608 Datasheet HTML 3Page - ams AG AS3608 Datasheet HTML 4Page - ams AG AS3608 Datasheet HTML 5Page - ams AG AS3608 Datasheet HTML 6Page - ams AG AS3608 Datasheet HTML 7Page - ams AG AS3608 Datasheet HTML 8Page - ams AG AS3608 Datasheet HTML 9Page - ams AG AS3608 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
5 - 67
AS3608 2v2
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (TopView)
4.1 Pin Descriptions
Note:
Pin description may change in preliminary data sheets.
Table 1. Pin Description for AS3608
Pin Name
Pin Number
Type
Description
if not used
AS3608
VBATSW
1
SUP IO
Battery Switch Terminal to be connected to the Li-Ion battery
open
VSUPSW
2
SUP IO
Battery Switch Terminal to be connected to system supplies VSUPx
always needed
VUSB
3
SUP IN
Charger or USB Bus Power Input
open
BATTEMP
4
ANA IO
Li-Ion Charger Battery Temp. Sensor Input
open
EXTBATSW
5
ANA OUT
External Battery Switch Gate Driver Output
open
VDD27
6
SUP IO
LDO5 Output default 2.7V
always needed
PVDD4
7
ANA OUT
LDO4 Output
open
VSUP5
8
SUP IN
LDO3/4 & LDO5 Pos. Supply Terminal, connect to VSUPSW
always needed
PVDD3
9
ANA OUT
LDO3 Output
open
PVDD2
10
ANA OUT
LDO2 Output
open
PVDD1
11
ANA OUT
LDO1 Output
open
VSUP4
12
SUP IN
LDO1/2 Pos. Supply Terminal
always needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com