Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 48 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 48 Page - ams AG

Back Button AS3608 Datasheet HTML 44Page - ams AG AS3608 Datasheet HTML 45Page - ams AG AS3608 Datasheet HTML 46Page - ams AG AS3608 Datasheet HTML 47Page - ams AG AS3608 Datasheet HTML 48Page - ams AG AS3608 Datasheet HTML 49Page - ams AG AS3608 Datasheet HTML 50Page - ams AG AS3608 Datasheet HTML 51Page - ams AG AS3608 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
47 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 35. CHG_TIME Register
Name
Base
Default
CHG_TIME
2-wire serial
07h
Offset: 19h-5
Charger Time Control Register
This is an extended register and needs to be enabled by writing 101b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:5
-
0000 0
n/a
4
TMAX_TIMER
0
R
Returns the time-out supervision status
0: no time-out reached
1: charger time-out reached, charging stopped
W
Resets the charger time supervision
0: -
1: resets time-out counter
3:0
CHG_TIMEOUT
<3:0>
0111
R/W
Sets the current during constant current charging
0x0: charger timer disabled
0x1: 0.5h
0x2: 1h
0x3: 1.5h
0x4: 2h
0x5: 2.5h
0x6: 3h
0x7: 3.5h
0x8: 4h
0x9: 4.5h
0xA: 5h
0xB: 5.5h
0xC: 6h
0xD: 6.5h
0xE: 7h
0xF: 7.5h
Table 36. CHG_STAT1 Register
Name
Base
Default
CHG_STAT1
2-wire serial
xxh
Offset: 19h-6
Charger Status Register 1
This is an extended register and needs to be enabled by writing 110b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
NO_BAT
x
R
Status if a battery is detected to the system, by measuring the NTC value on
BATTEMP pin.
0: battery detected
1: no battery detected
6
BATTEMP_HIGH
x
R
Only valid if a charger is deducted.
0: battery temperature o.k.
1: battery temperature higher 55ºC/45ºC (seed NTC_MODE)
5
EOC
x
R
0: end of charge not reached. Bit is cleared automatically if
USB_PREREG_ON
or BAT_CHARGE_ON is cleared or resume state is
entered
1: end of charge reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com