Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3608 Datasheet(PDF) 41 Page - ams AG

Part # AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 41 Page - ams AG

Back Button AS3608 Datasheet HTML 37Page - ams AG AS3608 Datasheet HTML 38Page - ams AG AS3608 Datasheet HTML 39Page - ams AG AS3608 Datasheet HTML 40Page - ams AG AS3608 Datasheet HTML 41Page - ams AG AS3608 Datasheet HTML 42Page - ams AG AS3608 Datasheet HTML 43Page - ams AG AS3608 Datasheet HTML 44Page - ams AG AS3608 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
40 - 67
AS3608 2v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 24. GPIO_Cntr Register
Name
Base
Default
GPIO_Cntr
2-wire serial
00h
Offset: 17h-7
GPIO Control Register
This is an extended register and needs to be enabled by writing 111b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7:6
MUX_GPIO43<1:0>
00
R/W
Configures GPIO4 and GPIO3
00: HiZ / HiZ (GPIOs are inputs)
01: xVSUP_low / xCharging
10: xPWRUP / PWRGOOD
11: xEOC / xCharger_active
5
DRIVE_GPIO2
0
R/W
Configures GPIO2 as input or output
0: open drain (output)
1: HiZ (input)
4:3
MUX_GPIO2<1:0>
00
R/W
Configures GPIO2 output mode
00: LOW
01: xVSUP_low
10: HIGH
11: xCharging
2
DRIVE_GPIO1
0
R/W
Configures GPIO1 as input or output
0: HiZ (input)
1: open drain (output)
1:0
MUX_GPIO1<1:0>
00
R/W
Configures GPIO1 output mode
00: xCharging
01: xVSUP_low
10: xPWRUP
11: PWRGOOD
Table 25. PVDD1 Register
Name
Base
Default
PVDD1
2-wire serial
00h
Offset: 18h-1
PVDD1 Control Register
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a VDD27-POR or XRES input.
Bit
Bit Name
Default
Access
Bit Description
7
PVDD1_ON
0
R/W
Enables PVDD1 regulator
0: PVDD1 switched off
1: PVDD1 switched on
6
ILIM_H_PVDD1
0
R/W
Selects the higher current limit for PVDD1
0: default mode, 150mA
1: 250mA mode
5
LP_PVDD1
0
R/W
Selects the low power mode for PVDD1
0: PVDD1 is in normal operation
1: PVDD1 supply current is reduced
4:0
VSEL_PVDD1<4:0>
00000
R/W
Sets the LDO output voltage in register control mode (default voltage of the
regulator is selected by boot ROM
0x00-0x0F: 1.2V+VSEL*50mV
→ (1.2V - 1.95V)
0x10-0x1F: 2.0V + (VSEL-0x10)*100mV
→ (2.0V-3.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com