Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 27Page - Infineon Technologies AG XC164CS Datasheet HTML 28Page - Infineon Technologies AG XC164CS Datasheet HTML 29Page - Infineon Technologies AG XC164CS Datasheet HTML 30Page - Infineon Technologies AG XC164CS Datasheet HTML 31Page - Infineon Technologies AG XC164CS Datasheet HTML 32Page - Infineon Technologies AG XC164CS Datasheet HTML 33Page - Infineon Technologies AG XC164CS Datasheet HTML 34Page - Infineon Technologies AG XC164CS Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
XC164
Derivatives
Functional Description
Data Sheet
27
V2.1, 2003-06
When a capture/compare register has been selected for capture mode, the current
contents of the allocated timer will be latched (‘captured’) into the capture/compare
register in response to an external event at the port pin which is associated with this
register. In addition, a specific interrupt request for this capture/compare register is
generated. Either a positive, a negative, or both a positive and a negative external signal
transition at the pin can be selected as the triggering event.
The contents of all registers which have been selected for one of the five compare modes
are continuously compared with the contents of the allocated timers.
When a match occurs between the timer value and the value in a capture/compare
register, specific actions will be taken based on the selected compare mode.
Figure 5
CAPCOM1/2 Unit Block Diagram
M C B 02143_X 4.V S D
M ode
Co ntro l
(C a pture
or
Co m p are )
2 n : 1
f
SYS
Tx
In pu t
Co ntro l
CA PC OM Tim e r T x
Ty
In pu t
Co ntro l
Tx IN
In te rru pt
R equest
(T y IR )
G P T1 Tim e r T3
O v er/U nderflow
2 n : 1
f
SYS
G P T1 Tim e r T3
O v er/U nderflow
CC z IO
CC z IO
C apture Inputs
C o m pare O u tputs
Reloa d Re g. T x R E L
CA PC OM Tim e r T y
Reloa d Re g. T y R E L
In te rru pt
R equest
(T x IR )
C apture/C o m p are
In te rrupt R equests
(C C zIR )
16 -B it
C apture/
Co m p are
R egisters
x= 0, 7
y= 1, 8
n = 0/3 … 10
z = 0 … 31 (for interrupts),
= 16 … 27 (for pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com