Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 40Page - Infineon Technologies AG XC164CS Datasheet HTML 41Page - Infineon Technologies AG XC164CS Datasheet HTML 42Page - Infineon Technologies AG XC164CS Datasheet HTML 43Page - Infineon Technologies AG XC164CS Datasheet HTML 44Page - Infineon Technologies AG XC164CS Datasheet HTML 45Page - Infineon Technologies AG XC164CS Datasheet HTML 46Page - Infineon Technologies AG XC164CS Datasheet HTML 47Page - Infineon Technologies AG XC164CS Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
XC164
Derivatives
Functional Description
Data Sheet
40
V2.1, 2003-06
Table 7
Summary of the XC164’s Parallel Ports
Port
Control
Alternate Functions
PORT0
Pad drivers
Address/Data lines or data lines1)
PORT1
Pad drivers
Address lines2)
Capture inputs or compare outputs,
Serial interface lines,
Fast external interrupt inputs
Port 3
Pad drivers,
Open drain,
Input threshold
Timer control signals, serial interface lines,
Optional bus control signal BHE/WRH,
System clock output CLKOUT (or FOUT),
Debug interface lines
Port 4
Pad drivers,
Open drain,
Input threshold
Segment address lines3)
Optional chip select signals
CAN interface lines4)
Port 5
---
Analog input channels to the A/D converter,
Timer control signals
Port 9
Pad drivers,
Open drain,
Input threshold
Capture inputs or compare outputs
CAN interface lines4)
Port 20
Pad drivers,
Open drain
Bus control signals RD, WR/WRL, ALE,
External access enable pin EA,
Reset indication output RSTOUT
1)
For multiplexed bus cycles.
2)
For demultiplexed bus cycles.
3)
For more than 64 Kbytes of external resources.
4)
Can be assigned by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com