Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 28Page - Infineon Technologies AG XC164CS Datasheet HTML 29Page - Infineon Technologies AG XC164CS Datasheet HTML 30Page - Infineon Technologies AG XC164CS Datasheet HTML 31Page - Infineon Technologies AG XC164CS Datasheet HTML 32Page - Infineon Technologies AG XC164CS Datasheet HTML 33Page - Infineon Technologies AG XC164CS Datasheet HTML 34Page - Infineon Technologies AG XC164CS Datasheet HTML 35Page - Infineon Technologies AG XC164CS Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
XC164
Derivatives
Functional Description
Data Sheet
28
V2.1, 2003-06
3.7
The Capture/Compare Unit CAPCOM6
The CAPCOM6 unit supports generation and control of timing sequences on up to three
16-bit capture/compare channels plus one independent 10-bit compare channel.
In compare mode the CAPCOM6 unit provides two output signals per channel which
have inverted polarity and non-overlapping pulse transitions (deadtime control). The
compare channel can generate a single PWM output signal and is further used to
modulate the capture/compare output signals.
In capture mode the contents of compare timer T12 is stored in the capture registers
upon a signal transition at pins CCx.
Compare timers T12 (16-bit) and T13 (10-bit) are free running timers which are clocked
by the prescaled system clock.
Figure 6
CAPCOM6 Block Diagram
For motor control applications both subunits may generate versatile multichannel PWM
signals which are basically either controlled by compare timer T12 or by a typical hall
sensor pattern at the interrupt inputs (block commutation).
CC Channel 0
CC60
CC Channel 1
CC61
CC Channel 2
CC62
MCB04109
Offset Register
T12OF
Compare
Timer T12
16-Bit
Period Register
T12P
Mode
Select Register
CC6MSEL
Trap Register
Port
Control
Logic
Cntrol Register
CTCON
Compare Register
CMP13
Compare
Timer T13
10-Bit
Period Register
T13P
Block
Commutation
Control
CC6MCON.H
CC60
COUT60
CC61
COUT61
CC62
COUT62
CTRAP
CC6POS0
CC6POS1
CC6POS2
f
CPU
f
CPU
COUT63
The timer registers (T12, T13) are not directly accessible.
The period and offset registers are loading a value into the timer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com