Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 49Page - Infineon Technologies AG XC164CS Datasheet HTML 50Page - Infineon Technologies AG XC164CS Datasheet HTML 51Page - Infineon Technologies AG XC164CS Datasheet HTML 52Page - Infineon Technologies AG XC164CS Datasheet HTML 53Page - Infineon Technologies AG XC164CS Datasheet HTML 54Page - Infineon Technologies AG XC164CS Datasheet HTML 55Page - Infineon Technologies AG XC164CS Datasheet HTML 56Page - Infineon Technologies AG XC164CS Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
49
V2.1, 2003-06
Table 12
Current Limits for Port Output Drivers
Port Output Driver
Mode
Maximum Output Current
(
IOLmax, -IOHmax)
1)
Nominal Output Current
(
IOLnom, -IOHnom)
Strong driver
10 mA
2.5 mA
Medium driver
4.0 mA
1.0 mA
Weak driver
0.5 mA
0.1 mA
1)
An output current above |
IOXnom| may be drawn from up to three pins at the same time.
For any group of 16 neighboring port output pins the total output current in each direction (
ΣI
OL and Σ-IOH)
must remain below 50 mA.
Power Consumption XC164
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Power supply current (active)
with all peripherals active
IDDI
–
15 +
2.6
× f
CPU
mA
1)
fCPU in [MHz]
2)
1)
During Flash programming or erase operations the supply current is increased by max. 5 mA.
2)
The supply current is a function of the operating frequency. This dependency is illustrated in Figure 11.
These parameters are tested at
VDDImax and maximum CPU clock frequency with all outputs disconnected and
all inputs at
VIL or VIH.
Pad supply current
IDDP
–5
mA
3)
3)
The pad supply voltage pins (
VDDP) mainly provides the current consumed by the pin output drivers. A small
amount of current is consumed even though no outputs are driven, because the drivers’ input stages are
switched and also the Flash module draws some power from the
VDDP supply.
Idle mode supply current
with all peripherals active
IIDX
–
15 +
1.2
× f
CPU
mA
fCPU in [MHz]
2)
Sleep and Power-down mode
supply current caused by
leakage4)
4)
The total supply current in Sleep and Power-down mode is the sum of the temperature dependent leakage
current and the frequency dependent current for RTC and main oscillator (if active).
IPDL
5)
–
128,000
× e-α
mA
VDDI=VDDImax
6)
TJ in [°C]
α =
4670/(273+
TJ)
Sleep and Power-down mode
supply current caused by
leakage and the RTC running,
clocked by the main oscillator4)
IPDM
7)
–
0.6 +
0.02
× f
OSC
+
IPDL
mA
VDDI=VDDImax
fOSC in [MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com