Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 58Page - Infineon Technologies AG XC164CS Datasheet HTML 59Page - Infineon Technologies AG XC164CS Datasheet HTML 60Page - Infineon Technologies AG XC164CS Datasheet HTML 61Page - Infineon Technologies AG XC164CS Datasheet HTML 62Page - Infineon Technologies AG XC164CS Datasheet HTML 63Page - Infineon Technologies AG XC164CS Datasheet HTML 64Page - Infineon Technologies AG XC164CS Datasheet HTML 65Page - Infineon Technologies AG XC164CS Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
XC164
Derivatives
Timing Parameters
Data Sheet
58
V2.1, 2003-06
For a period of
N
× TCM the accumulated PLL jitter is defined by the deviation D
N:
DN [ns] = ±(1.5 + 6.32 × N / fMC); fMC in [MHz], N = number of consecutive TCMs.
So, for a period of 3 TCMs @ 20 MHz and K = 12: D3 = ±(1.5 + 6.32 × 3 / 20) = 2.448 ns.
This formula is applicable for K
× N < 95. For longer periods the K× N=95 value can be
used. This steady value can be approximated by: DNmax [ns] = ±(1.5 + 600 / (K × fMC)).
Figure 16
Approximated Accumulated PLL Jitter
Note: The bold lines indicate the minimum accumulated jitter which can be achieved by
selecting the maximum possible output prescaler factor K.
Different frequency bands can be selected for the VCO, so the operation of the PLL can
be adjusted to a wide range of input and output frequencies:
Table 15
VCO Bands for PLL Operation1)
1)
Values guarnteed by design characterisation.
PLLCON.PLLVB VCO Frequency Range
Base Frequency Range
00
100
…150 MHz
20
…80 MHz
01
150
…200 MHz
40
…130 MHz
10
200
…250 MHz
60
…180 MHz
11
Reserved
m c b04413_x c .vs d
A c c. jitte r D
N
±8
±6
ns
±4
±2
±1
0
51 0
2 0
25
N
K=5
20
MH
z
40 M
Hz
±7
±5
±3
15
K=6
K= 1 2
K= 1 5
K= 8
K= 1 0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com