Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 11Page - Infineon Technologies AG XC164CS Datasheet HTML 12Page - Infineon Technologies AG XC164CS Datasheet HTML 13Page - Infineon Technologies AG XC164CS Datasheet HTML 14Page - Infineon Technologies AG XC164CS Datasheet HTML 15Page - Infineon Technologies AG XC164CS Datasheet HTML 16Page - Infineon Technologies AG XC164CS Datasheet HTML 17Page - Infineon Technologies AG XC164CS Datasheet HTML 18Page - Infineon Technologies AG XC164CS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
XC164
Derivatives
General Device Information
Data Sheet
11
V2.1, 2003-06
PORT0
P0L.0-7
P0H.0-3
P0H.4-7
67 - 74
4 - 7
75 - 78
IO
PORT0 consists of the two 8-bit bidirectional I/O ports P0L
and P0H. Each pin can be programmed for input (output
driver in high-impedance state) or output.
In case of an external bus configuration, PORT0 serves as
the address (A) and address/data (AD) bus in multiplexed
bus modes and as the data (D) bus in demultiplexed bus
modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 - A15
AD8 - AD15
Note: At the end of an external reset (EA = 0) PORT0 also
may input configuration values
PORT1
P1L.0
P1L.1
P1L.2
P1L.3
P1L.4
P1L.5
P1L.6
P1L.7
P1H
79
80
81
82
83
84
85
86
…
IO
I/O
O
I/O
O
I/O
O
O
I
I/O
PORT1 consists of the two 8-bit bidirectional I/O ports P1L
and P1H. Each pin can be programmed for input (output
driver in high-impedance state) or output.
PORT1 is used as the 16-bit address bus (A) in
demultiplexed bus modes (also after switching from a
demultiplexed to a multiplexed bus mode).
The following PORT1 pins also serve for alt. functions:
CC60
CAPCOM6: Input / Output of Channel 0
COUT60
CAPCOM6: Output of Channel 0
CC61
CAPCOM6: Input / Output of Channel 1
COUT61
CAPCOM6: Output of Channel 1
CC62
CAPCOM6: Input / Output of Channel 2
COUT62
CAPCOM6: Output of Channel 2
COUT63
Output of 10-bit Compare Channel
CTRAP
CAPCOM6: Trap Input
CTRAP is an input pin with an internal pullup resistor. A low
level on this pin switches the CAPCOM6 compare outputs to
the logic level defined by software (if enabled).
CC22IO
CAPCOM2: CC22 Capture Inp./Compare Outp.
…continued…
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com